Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979MD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4979MD
Description  Automotive low dropout voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979MD Datasheet(HTML) 1 Page - STMicroelectronics

  L4979MD Datasheet HTML 1Page - STMicroelectronics L4979MD Datasheet HTML 2Page - STMicroelectronics L4979MD Datasheet HTML 3Page - STMicroelectronics L4979MD Datasheet HTML 4Page - STMicroelectronics L4979MD Datasheet HTML 5Page - STMicroelectronics L4979MD Datasheet HTML 6Page - STMicroelectronics L4979MD Datasheet HTML 7Page - STMicroelectronics L4979MD Datasheet HTML 8Page - STMicroelectronics L4979MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
September 2023
DS3717 Rev 12
1/22
L4979D-E, L4979MD
Automotive low dropout voltage regulator
Datasheet
- production data
Features
 AEC-Q100 qualified
 Operating DC supply voltage range 5.6 V to
31 V
 Low quiescent current (6 µA typ. at 25 °C with
enable low)
 High precision output voltage (±2%)
 Low dropout voltage less than 0.5 V
 Reset circuit sensing the output voltage down
to 1 V
 Programmable reset pulse delay with external
capacitor
 Watchdog
 Programmable watchdog timer with external
capacitor
 Thermal shutdown and short-circuit protection
 Automotive temperature range (Tj = -40 °C to
150 °C)
 Enable input for enabling/disabling the voltage
regulator output
Description
L4979D-E and L4979MD are low dropout linear
regulators with microprocessor control functions
such as low-voltage reset, watchdog, on/off
control. Typical quiescent current is 100 µA in
very low output current mode and enabled
regulator. The devices drop to 6 µA with not
enabled regulators.
On chip trimming results in high output voltage
accuracy (±2%). Accuracy is kept over wide
temperature range, line and load variation.
The maximum input voltage is 40 V. The max.
output current is internally limited. Internal
temperature protection disables the voltage
regulator output.
GAPGCFT00199
SO-8
SO-20
GAPGCFT00213
Table 1. Device summary
Package
Order codes
Tube
Tape and reel
SO-8
L4979DTR-E
SO-20
L4979MD
L4979MD013TR
www.st.com


Similar Part No. - L4979MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979MD STMICROELECTRONICS-L4979MD Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
L4979MD STMICROELECTRONICS-L4979MD Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
L4979MD STMICROELECTRONICS-L4979MD Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
L4979MD STMICROELECTRONICS-L4979MD Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4979MD013TR STMICROELECTRONICS-L4979MD013TR Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
More results

Similar Description - L4979MD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com