Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979MD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4979MD
Description  Automotive low dropout voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979MD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4979MD Datasheet HTML 7Page - STMicroelectronics L4979MD Datasheet HTML 8Page - STMicroelectronics L4979MD Datasheet HTML 9Page - STMicroelectronics L4979MD Datasheet HTML 10Page - STMicroelectronics L4979MD Datasheet HTML 11Page - STMicroelectronics L4979MD Datasheet HTML 12Page - STMicroelectronics L4979MD Datasheet HTML 13Page - STMicroelectronics L4979MD Datasheet HTML 14Page - STMicroelectronics L4979MD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DS3717 Rev 12
11/22
L4979D-E, L4979MD
Application information
21
3
Application information
3.1
Voltage regulator
The voltage regulator uses a p-channel MOS transistor as a regulating element. With this
structure, a low dropout voltage at current up to 150 mA is achieved. The output voltage is
regulated up to a transient input supply voltage of 40 V. No functional interruption due to
overvoltage pulses is generated. The high precision of the output voltage is obtained with a
pretrimmed reference voltage. A short -circuit protection to GND is provided.
Figure 3. Behavior of output current versus regulated voltage Vo
3.2
Reset
The reset circuit monitors the output voltage Vo. If the output voltage drops below Vo_th then
Res becomes low with a delay time trr. Real trr value changes as a non-linear function of
delta (Vo-th - Vo). The reset low signal is guaranteed for an output voltage Vo greater than
1 V.
When the output voltage becomes higher than Vo_th then Res goes high with a delay trd. This
delay is obtained by 512 periods of an oscillator (see fig. 5). The oscillator period is given
by:
and reset pulse delay trd is given by:
Vo
Vo_ref
Iout
Ishort Ilim
Vo
Vo_ref
Iout
Ishort Ilim
GAPGCFT00203
TOSC
Vrhth Vrlth
–
 C
tr

Icr
------------------------------------------------------
Vrhth Vrlth
–
 C
tr

Idr
------------------------------------------------------
+
=
trd
512 TOSC
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com