Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305EP Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 40Page - STMicroelectronics L9305EP Datasheet HTML 41Page - STMicroelectronics L9305EP Datasheet HTML 42Page - STMicroelectronics L9305EP Datasheet HTML 43Page - STMicroelectronics L9305EP Datasheet HTML 44Page - STMicroelectronics L9305EP Datasheet HTML 45Page - STMicroelectronics L9305EP Datasheet HTML 46Page - STMicroelectronics L9305EP Datasheet HTML 47Page - STMicroelectronics L9305EP Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 107 page
background image
8.4.2
Solenoid current control ADC check
Each solenoid current control channel uses two independent current sense circuits, one for each HS and LS
power stage. The current sense outputs are multiplexed into the ADC for digital processing and load current
control. Each channel has a dedicated current measurement ADC and a redundant verification ADC. The
verification is continuous during run time operation and requires no activation by the user. The comparison is
done independently for each channel. Should the comparison check result in a difference of more than
ADC_CHECK, the Solenoid ADC Mismatch Monitor bit, D[4] in the EXCEPTIONS1 register is set high. The fault
is cleared upon reading. A simplified block diagram is shown in the figure below.
Figure 20. ADC check block diagram
+ -
+ -
+ -
Current digital
conversion
Valve
currents
Valve
currents
Current comparison
Current digital
conversion
1
ADCx
ADCx
2
N
1
2
N
GADG2709181327PS
8.4.3
Digital control loop logic BIST
Digital control loop logic test verifies the logic controlling solenoid A/D data calibration and the current control
loop. The test is performed independently on each channel. This self-test can be activated only if the channel is in
tri-state mode as the control loop is disabled during this test. The sequence for initiating the self-test and reading
the response is shown below:
•
In CONFIGURATION1 register, set Solenoid Logic Bist, bit D[10] =1
•
Test status and results are available in the EXCEPTIONS1 register, bits D[8:7]
Test results are cleared on register read. If test is running and channel is activated, result is unpredictable since
CONFIGURATION1 register becomes write protected and test cannot be put back in IDLE. In this case it is better
to de-activate the test before activating the channel.
8.4.4
Calibration data check
Calibration and trimming data are used to compensate solenoid current control and internal reference circuitry.
Data is stored in internal 8K bit NVM made of 256-bit sectors with the following architecture:
Table 32. NVM memory map
256-bit calibration data field
120 bits data
8 bits CRC
120 bits data
8 bits CRC
Upon Power on Reset (POR), the L9305 downloads calibration data from non-volatile memory into the
appropriate local registers. During this process, the data is verified using the 8-bit CRC field. If a CRC failure is
detected in data corresponding to analog trim data, the CRC error on CSA Compensation data bit, D[14] is set in
the EXCEPTIONS 1 fault register. If a failure is detected in data corresponding to ADC compensation, the CRC
error on A2D trimming data bit, D[13] is set in the EXCEPTIONS 1 fault register. In all cases, the register(s)
affected by the faulty data are loaded to “0” to avoid unpredictable operation. Registers loaded with “0” due to a
CRC fault will operate uncalibrated thus having reduced performance.
8.4.5
Diagnostic comparators
All solenoid diagnostic comparators (overcurrent, off-state diagnostic, ground loss) have analog self-tests
implemented to detect latent faults. The self-test must be enabled by the user with the channel in tri-state. The
self-test is independent for each channel. Should the test fail, a diagnostic fault flag is set and is cleared upon
reading the register. Should actuation be requested while the self-test is in process, the self-test will be terminated
with an error (EXCEPTIONS1 register, self-test fail bit D[8:7] that indicates the case when both the comparators
(LV and OV) fails and actuation will be permitted.
L9305
Safety features
DS12774 - Rev 10
page 44/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com