Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305EP Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 25Page - STMicroelectronics L9305EP Datasheet HTML 26Page - STMicroelectronics L9305EP Datasheet HTML 27Page - STMicroelectronics L9305EP Datasheet HTML 28Page - STMicroelectronics L9305EP Datasheet HTML 29Page - STMicroelectronics L9305EP Datasheet HTML 30Page - STMicroelectronics L9305EP Datasheet HTML 31Page - STMicroelectronics L9305EP Datasheet HTML 32Page - STMicroelectronics L9305EP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
6.4
Solenoid driver and load diagnostic
6.4.1
Thermal protection
Each solenoid channel has a dedicated temperature sensor that continuously monitors the temperature of the
Low Side and of the High Side power transistor. Temperature information is available in the dedicated SPI register
Channel_x.TEMPMON. Register data can be decoded from the SPI frame using the following formula:
TJ=1.353*TemperatureMonitor−74 Co
(2)
Should channel temperature reach the thermal warning threshold T_WARN, the thermal warning flag is set in the
EXCEPTIONS1 register bit D[15]. The warning flag is latched and is cleared upon SPI read if the thermal warning
condition is no longer present.
Should channel temperature continue to rise up to the thermal shutdown threshold T_SD, the related channel is
placed in tristate mode (setting the Solenoid Driver Status bits to 01, but keeping the programmed current set-
point). This event has a dedicated fault flag in the EXCEPTIONS1 register, bit D[0]. Channel activation is
prevented if thermal shut down condition is still present on SPI read. This fault is latched and is cleared upon SPI
read if the fault is no longer present. Channel thermal shutdown temperature has no hysteresis, but user can
decide which temperature is low enough to re-enable the channel. In fact, by monitoring Channelx.TEMPMON
register, user can re-enable the channel when TEMPMON reading is below the temperature desired value: thus a
further degree of flexibility is provided.
6.4.2
Overcurrent protection
Overcurrent protection is present for each HS and LS solenoid driver. The overcurrent threshold is selectable
through SPI register Channel_x.CONFIGURATION1 bit D[6].
Should an overcurrent fault be detected (on HS or on LS), the related channel is put in tri-state (setting the
Solenoid Driver Status bits to 01, but keeping programmed current set-point) and a dedicated diagnostic bit is set
in register Channel_x.EXCEPTION1, bits D[2] for HS and D[1] for LS. To restart the channel, the MCU must clear
the fault bit by reading the fault register and re-enable the channel.
6.4.3
Supply disconnection
When a solenoid channel is configured for low side operation, current recirculation occurs through the internal
high side transistor. If the supply Vs_solX of the high side driver is lost, the voltage at LOAD_SOLx pin can
become unpredictable and possibly exceed the absolute rating of the device. To prevent this condition from
damaging the device, the low side driver has an integrated clamping circuit to limit the peak voltage.
Should the low side clamping structure be activated during normal operation (i.e. solenoid supply line within
normal operating range), the channel is put in tri-state (setting the Solenoid Driver Status bits to 01) and the Low
Side Clamp Active fault flag D[3] is set in the EXCEPTIONS1 register. To restart the channel, the MCU must clear
the fault by reading the EXCEPTIONS1 register and re-enable the channel.
Activation of LS clamp during a load dump event could damage the device due to the high energy of load dump
event. To avoid this condition, the LS clamp circuitry is automatically disabled when VBATP pin exceeds deep
over-voltage threshold, as defined in Section 8.1.6.
6.4.4
Off state solenoid diagnostics
The device provides independent off-state diagnostics for each channel. Simplified diagrams are shown in
Figure 15 and Figure 16 below, depending on the chosen configuration.
L9305
Current control drivers
DS12774 - Rev 10
page 29/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com