Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305EP Datasheet(PDF) 76 Page - STMicroelectronics

Part # L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 72Page - STMicroelectronics L9305EP Datasheet HTML 73Page - STMicroelectronics L9305EP Datasheet HTML 74Page - STMicroelectronics L9305EP Datasheet HTML 75Page - STMicroelectronics L9305EP Datasheet HTML 76Page - STMicroelectronics L9305EP Datasheet HTML 77Page - STMicroelectronics L9305EP Datasheet HTML 78Page - STMicroelectronics L9305EP Datasheet HTML 79Page - STMicroelectronics L9305EP Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
CONFIGURATION1
Configuration 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
R
RW
RW
RW
RW
RW
RW
R
RW
RW
RW
Address:
Channel_X_BaseAddress + 0x02
Type:
RW
Reset:
0x0000
Description:
Configuration Register provides information related to channel configuration
[15] Unused
[14] OFS_CMP_DIS:
0: Current Sense Offset Compensation Active
1: Current Sense Offset Compensation disabled
[13] CALIBRATION_DIS:
0: Digital Current Sense Calibration Active
1: Digital Current Sense Calibration Disabled
[12:11] Unused
[10] Solenoid Logic BIST:
0: Logic BIST Reset
1: Logic BIST Enabled
[9] Td_Blank:
0: Long Blanking Time
1: Short Blanking Time
[8] HILOAD: Current Sense Scale
0: 1.5A Max Current Range
1: 2.0A Max Current Range
[7] Unused
[6] Overcurrent threshold selection:
0: 4A Theshold
1: 5A Threshold
[5] Enable OFF Diagnosis:
L9305
SPI
DS12774 - Rev 10
page 76/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com