Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305EP Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 15Page - STMicroelectronics L9305EP Datasheet HTML 16Page - STMicroelectronics L9305EP Datasheet HTML 17Page - STMicroelectronics L9305EP Datasheet HTML 18Page - STMicroelectronics L9305EP Datasheet HTML 19Page - STMicroelectronics L9305EP Datasheet HTML 20Page - STMicroelectronics L9305EP Datasheet HTML 21Page - STMicroelectronics L9305EP Datasheet HTML 22Page - STMicroelectronics L9305EP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
Table 10. Solenoid driver status in hardware mode
EN_DR
INx
Driver Configuration Status
Channel Status
[1]
[0]
LOW
X
X
X
Driver Disabled, Off Diagnosis disabled and Masked
HIGH
HIGH
X
X
HIGH
LOW
0
0
HIGH
LOW
0
1
Driver in Tristate, Off diagnosis can be switched on
HIGH
LOW
1
0
Driver ON in PWM mode,Off Diagnosis disabled and Masked
HIGH
LOW
1
1
Driver ON in Full ON mode,Off Diagnosis disabled and Masked
Disabled Mode: Output drivers are disabled, no bias is present on the driver, off-state diagnostics are masked and
cannot be enabled; LS clamp feature is inactive, thus, if an overvoltage occurs when driver is disabled, low side
mos will not be protected
Tristate Mode: Driver is supplied and kept in a tristate high impedance mode, off state diagnostics can be enabled
PWM Mode: Output drivers are actively regulating load current as programmed, off state diagnostics are disabled.
FULL_ON Mode: Output driver is driven to saturation and is kept on continuously until the mode is changed by
the user or a fault occurs.
Figure 9. Hardware control configuration
INx
VS_SOL_x
LOADx
GND_SOL_x
EN_DR
Driver
Control
SPI
HS
Current Sense
LS
Current Sense
HS Driver
LS Driver
SPI
Target current
Switching freq.
Control param.
Dither
GADG2709181150PS
Upon completing channel configuration and set-up as summarized in Section 6: Current control drivers, the
internal hardware control loop can then be configured for either fixed frequency or variable frequency current
control (HW feedback Frequency Mode D[11] in CTRLCFG register). The current control method (HW mod/SW
mode) is selectable using register CONFIGURATION1, D[2]. In addition to selecting the control method, the user
must program the targeted load current and operating frequency. Load current is programmed through the
Current Set Point Register (SETPOINT) and the operating frequency in the Control Configuration Register
(CTRLCFG). Once the channel is enabled, the device begins to PWM control the load current for the targeted
current value.
The device can synchronize channel actuation by enabling all channels with a single SPI write operation.
Actuation control can also be staggered 90 degrees when programmed for fixed frequency control using the
Stagger Enable D[0] bit in SERVENA register.
L9305
Current control drivers
DS12774 - Rev 10
page 19/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com