Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9305EP Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 18Page - STMicroelectronics L9305EP Datasheet HTML 19Page - STMicroelectronics L9305EP Datasheet HTML 20Page - STMicroelectronics L9305EP Datasheet HTML 21Page - STMicroelectronics L9305EP Datasheet HTML 22Page - STMicroelectronics L9305EP Datasheet HTML 23Page - STMicroelectronics L9305EP Datasheet HTML 24Page - STMicroelectronics L9305EP Datasheet HTML 25Page - STMicroelectronics L9305EP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
Figure 11. Fixed frequency signals
Tpwm
(2)
(1)
(1)
(1)
(2)
t
t
t
PI
PWM
Load
current
GADG2709181214PS
In fixed frequency current control, basic operation is dependent on the ramp generator and the PI signal as
follows:
Switch OFF point (1): the PI signal crosses the RAMP signal from high to low, the output driver is switched
off and the load CURRENT reaches its maximum peak value.
Switch ON point (2): every clock based TPWM periods, the RAMP signal resets and the output driver is
switched on and the load current reaches its minimum peak value.
To optimize current control capability, the user must properly select KP and KI amplitude settings
(Channel_x.KGAINS) for each application.
KP: parameter controls the amplitude of the Proportional signal and is calculated as:
KP=2KP_sel
KI: parameter controls the amplitude of the Integral signal and is calculated as:
KI=2KIsel
6.1.5
Variable frequency control
From Figure 12, the current control loop subtracts the measured current from the programmed set point to derive
an error signal. The integral amplifier with gain KI processes the error signal creating the INTEGRAL signal. The
frequency control loop subtracts the PWM period set point TPWM from the measured PWM period creating a
period error signal. The integral amplifier with gain KFI, processes the period error and generates the resulting
frequency integral (F_I) output signal.
Variable frequency control operation is dependent on the INTEGRAL signal, F_I signal and zero level signal as
follows:
Switch OFF point: the INTEGRAL signal crosses the F_I signal from high to low, the output driver is
switched off and the load CURRENT reaches its maximum peak value.
Switch ON point: the INTEGRAL signal crosses the zero level signal from low to high, the output driver is
switched ON, and the load CURRENT reaches its minimum peak value.
The variable frequency control provides a transient mode for optimization of the transient condition behavior. It
eliminates in this way current over/undershoot and allows the fastest reaching of the final frequency. The transient
mode is entered in case of a change of current set point (Set Point Change) while the Auto Limit control bit is set.
The transient mode is also entered in case the PWM period is longer than a threshold (Long Period Detection).
The 2-bit control input Transition Time (D[15:14] in CTRLCFG register) selects the Long Period Detection
threshold.
L9305
Current control drivers
DS12774 - Rev 10
page 22/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com