Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 17Page - STMicroelectronics L99UDL01TR Datasheet HTML 18Page - STMicroelectronics L99UDL01TR Datasheet HTML 19Page - STMicroelectronics L99UDL01TR Datasheet HTML 20Page - STMicroelectronics L99UDL01TR Datasheet HTML 21Page - STMicroelectronics L99UDL01TR Datasheet HTML 22Page - STMicroelectronics L99UDL01TR Datasheet HTML 23Page - STMicroelectronics L99UDL01TR Datasheet HTML 24Page - STMicroelectronics L99UDL01TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
DS12511 Rev 5
21/88
L99UDL01
Device description
87
2.4.2
External FET controllers
The external FET controllers are designed to be drivers for MOSFETS configured as half
bridges. Alternatively, each half bridge controller may be configured as a single high-side
driver or a single low side MOSFET controller. These outputs are not intended to be
PWMmed and are limited in their switching speed to aid in reducing EMC issues.
The external MOSFETS are protected by a programmable drain to source voltage (VDS)
monitor. Both the voltage threshold and reaction delay are programmable. The default
setting is 1 V for 1 µs.
In the event of a Drain-Source fault the appropriate fault bit will be set as well as a fault bit in
the Global Status Byte. A faulted driver will be switched off and is enabled again only after
clearing fault bit (register 11H).
Since these outputs are not intended to be PWMmed there is no active recirculation option.
The external MOSFET control has off-state diagnostic capability as well.
The external MOSFETs can be driven in timed on/off control or purely on/off control.
External MOSFET dead time control
At the end of every timed actuation all outputs are pulled to ground for the off-time duration
as determined in the control register 02H. This requires that the external H-Bridge controller
have a dead time between when the high side MOSFET is commanded off and when the
low side MOSFET is commanded on. This is a fixed value set to tDT (6 µs).
2.4.3
DOUT
The Data OUT pin may provide the host processor with real time fault indication. The GSBN
(Global Status Bit NOT) bit may be reflected on this pin when this feature is enabled. This
feature may be enabled by setting the Global Fault Indication (GFI) bit found in the control
register 03H (bit7).
2.4.4
EN_OUT
The output Enable pin has three states: It enables the output functionality while held high,
and disables the outputs when held low. This pin can also be used to initiate an output timed
actuation, based on programmed parameters, on a rising edge. There is a filter time on the
rising edge of EN_OUT of tEN. This is used to prevent noise from accidentally actuating a
timed actuation.
2.4.5
Paralleling outputs
Up to three of the integrated outputs can be paralleled in two groups for the purpose of
sharing higher current loads.
Some of the possible combinations:
2 groups of 3
2 groups of 2 and 2 single outputs
1 group of 2, 1 group of 3 and a single output
1 group of 3, and 3 single outputs
1 group of 2, and 4 single outputs
6 single outputs, no groups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com