Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 29Page - STMicroelectronics L99UDL01TR Datasheet HTML 30Page - STMicroelectronics L99UDL01TR Datasheet HTML 31Page - STMicroelectronics L99UDL01TR Datasheet HTML 32Page - STMicroelectronics L99UDL01TR Datasheet HTML 33Page - STMicroelectronics L99UDL01TR Datasheet HTML 34Page - STMicroelectronics L99UDL01TR Datasheet HTML 35Page - STMicroelectronics L99UDL01TR Datasheet HTML 36Page - STMicroelectronics L99UDL01TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
DS12511 Rev 5
33/88
L99UDL01
Electrical characteristics
87
4.3.4
Integrated half bridge
4.3.5
Integrated half bridge current control loop
Table 9. Integrated half-bridge DC parameters
Electrical characteristics (-40°C < TJ < 130°C, 6V < VS < 18V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
D.001
Ron_HS
Static on resistance High
side switch RDS(on)
25°C, IOUT=2 A
90
m
D.002
-40°C < TJ < 125°C, IOUT=2 A
180
D.003
Ron_LS
Static on resistance Low
side switch RDS(on)
25°C, IOUT=2 A
90
m
D.004
-40°C < TJ < 125°C, IOUT=2 A
180
D.005
IOUTLEAK Output pulled to Ground
-40°C < TJ < 25°C, All outputs off
2
A
D.006
25°C < TJ < 125°C, All outputs off
6
D.007
IOUTLEAK Output pulled to Ground At least one output on
180
250
A
D.008
IOUTLEAK Output pulled to VSx
At least one output on
40
80
A
D.009
IOUTLEAK Output pulled to VSx
-40°C < TJ < 125°C
All outputs off
-55
-35
A
D.012
VOUT_th
Dynamic output voltage
threshold
1.5
1.8
2.1
V
D.013
IREG Range Current regulation range
OCPx(0;3) = 0 to F
One output only,
Max ripple = 20%
14
A
D.014
IREG_STEP
Current regulation step
size
200
mA
D.015
IREG_TOL
Current Regulation
Tolerance
OCPx(0:3) = 7h
-15
15
%
Table 10. Integrated half-bridge current control parameters
Electrical characteristics (-40°C < TJ < 130°C, 6V < VS < 18V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
D.016
Ki
Integral gain factor 2Ki
3 bits from 2-7 to 20
Tested by scan
2X
D.017
Kp
Proportional gain factor
2Kp
3 bits from 21 to 28
Tested by scan
2X
D.018
KFB
Current feedback
conversion per LSB
RegX[1-10] x KFB = Imeasure
RegX[1-10] = Values read in
registers 13H- 18H
6.25
mA /
bit
D.019
KFB_tol
Current feedback
conversion tolerance
Values read in registers 13H-
18H
-15
+15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com