Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 24Page - STMicroelectronics L99UDL01TR Datasheet HTML 25Page - STMicroelectronics L99UDL01TR Datasheet HTML 26Page - STMicroelectronics L99UDL01TR Datasheet HTML 27Page - STMicroelectronics L99UDL01TR Datasheet HTML 28Page - STMicroelectronics L99UDL01TR Datasheet HTML 29Page - STMicroelectronics L99UDL01TR Datasheet HTML 30Page - STMicroelectronics L99UDL01TR Datasheet HTML 31Page - STMicroelectronics L99UDL01TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
Electrical characteristics
L99UDL01
28/88
DS12511 Rev 5
4
Electrical characteristics
4.1
Absolute maximum ratings
The absolute maximum ratings are the values at which if exceeded the device may become
damaged.
Table 3. Absolute maximum ratings
PIN/Parameter Name
Parameter
Value
Unit
min
max
VSX
Supply Voltage (Continuous)
-0.3
+28
V
VSX
Supply Voltage 400 ms transient (Load Dump)
-0.3
+40
V
VCP
High voltage signal pin
VS ≤ 26 V
VS-0.3 to VS+14
V
VS > 26 V
VS-0.3 to +40
V
VDD
VDD input
-0.3
+6
V
3V3
3.3 V regulator maximum allowable voltage
3.6
V
GNDx
Differential voltage between Grounds and TAB
-0.3
+0.3
V
DRNx
-
-0.3
VS+0.3
V
SRCx
t < 200 ns
-5
VS+0.3
V
Continuous
-1
V
GATEHx
External high side MOSFET control
VSRCx – 0.3
VSRCX +12,
VCP+0.3(1)
V
GATELx
External low side MOSFET control
-0.3
12
VCP+0.3(1)
V
DOUT, EN_OUT
-
-0.3
VDD+0.3
V
OUTX_max
All half bridge outputs
VS+0.3(1)
V
OUTX_min
All internal half bridge outputs 4 A from ground,
outputs inactive, tRecirc<10 ms
-0.3
V
VCP1M,VCP2M
High voltage signal pins
VS-0.3 to VS+0.3
V
VCP1P
High voltage signal pins
VS-0.3 to VS+10
V
VCP2P
High voltage signal pins
VS-0.6 to VS+10
V
CSN, SCK, SDI, DSO -
-0.3
VDD+0.3
V
TJ(Operating)
Junction temperature
-40
175(2),(3),(4)
°C
TJ(Storage)
Storage temperature
-55
+150
°C
1. Of the values listed whichever is the lesser of them applies.
2. All parameters are guaranteed, and tested, in the temperature range -40°C to 130°C (unless otherwise specified). The
L99UDL01 will still operate and be functional at temperatures up to 175°C.
3. Parameter limits at higher temperatures than 130°C may change with respect to what is specified as per the standard
temperature range.
4. Device functionality at temperatures greater than 130°C are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com