Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 27Page - STMicroelectronics L99UDL01TR Datasheet HTML 28Page - STMicroelectronics L99UDL01TR Datasheet HTML 29Page - STMicroelectronics L99UDL01TR Datasheet HTML 30Page - STMicroelectronics L99UDL01TR Datasheet HTML 31Page - STMicroelectronics L99UDL01TR Datasheet HTML 32Page - STMicroelectronics L99UDL01TR Datasheet HTML 33Page - STMicroelectronics L99UDL01TR Datasheet HTML 34Page - STMicroelectronics L99UDL01TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
DS12511 Rev 5
31/88
L99UDL01
Electrical characteristics
87
A.014
VDDSLEEP_R
VDD sleep
threshold
(rising).
Upon rising into the operating
voltage range the L99UDL01 will
enter Standby mode and the RSTB
bit in the Global status register will
be set.
0.4
1.3
1.9
V
A.015
VDDSLEEP_HYS
T
VDD sleep
threshold
Hysteresis.
0.25
V
A.016
VDDUV
Below this threshold the control
registers are reset and the device
enters standby. The RSTB bit in the
Global status register will be set.
22.5
V
A.017
VDDUV_Hyst
0.1
V
A.018
tVDDUV
VDD
Undervoltage
filter time
Tested by scan
64
s
A.019
V3V3
V3V3 Voltage
Device in RUN mode
220 nF cap on C3V3 pin
3.13
3.3
3.46
V
A.020
V3V3RST_F
V3V3 reset
threshold
(falling). Will
cause a logic
reset
3.3 V regulator voltage below this
threshold will hold the L99UDL01
logic state machine into reset.
2.25
2.65
V
A.021
V3V3RST_R
V3V3 reset
threshold
(rising). Will
cause a logic
reset
Once in 3V3 reset (A.020), upon
rising above V3V3RST_R the
L99UDL01 will enter Standby mode
and the RSTB bit in the Global
status register will be set.
2.4
2.95
V
A.022
V3V3RST_HYST
V3V3 reset
threshold
Hysteresis.
0.15
V
A.023
t3V3UV
3V3
undervoltage
filter time
Tested by scan
64
s
A.024
V3V3UV_F
V3V3
undervoltage
threshold
(falling).
3.3 V regulator voltage below this
threshold will disable all outputs
internal and external and the
V3V3UV bit in status register 13h
will be set.
V3V3-
0.3
V3V3-
0.25
V3V3-
0.1
V
A.025
V3V3UV_R
V3V3
undervoltage
threshold
(rising).
3.3 V regulator voltage upon rising
into the operating voltage range the
L99UDL01 will enter Normal and
ready mode.
V3V3-
0.25
V3V3-
0.15
V3V3-
0.05
V
A.026
V3V3UV_HYST
0.1
V
Table 6. Supply voltage parameters (continued)
Electrical characteristics (-40°C < TJ < 130°C, 6 V < VS < 18 V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com