Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 19Page - STMicroelectronics L99UDL01TR Datasheet HTML 20Page - STMicroelectronics L99UDL01TR Datasheet HTML 21Page - STMicroelectronics L99UDL01TR Datasheet HTML 22Page - STMicroelectronics L99UDL01TR Datasheet HTML 23Page - STMicroelectronics L99UDL01TR Datasheet HTML 24Page - STMicroelectronics L99UDL01TR Datasheet HTML 25Page - STMicroelectronics L99UDL01TR Datasheet HTML 26Page - STMicroelectronics L99UDL01TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
DS12511 Rev 5
23/88
L99UDL01
Device description
87
2.5
Operating modes
We can distinguish among 4 different operating modes: Normal mode, Standby mode,
Sleep mode and Emergency override mode. The L99UDL01 powers up in Standby mode by
default.
Figure 9. State diagram
In Sleep mode no active circuitry is supplied. In standby mode logic is initialized but not
operational. There is no function present in either modes in order to minimize the current
consumption. Only wake-up circuitry is active in Standby mode.
2.5.1
Sleep mode
In sleep mode all circuitry is disabled. There is no charge pump or internal voltages. This is
the lowest quiescent current mode.
Sleep mode is entered when the VDD input falls below VDDSLEEP_F. Prior to entering sleep
mode all control registers are reset to their default values. Sleep mode is exited when VDD
rises above VDDSLEEP_R. Sleep mode only exits into Standby mode.
To avoid anomalous behavior during transition into sleep mode, sleep mode should always
be entered from standby mode. Entering sleep mode directly from any other mode is not
supported.
3V3_UV
3V3<3V3RST
Logic
RESET
Emergency
Mode
Normal
Mode
Standby
Mode
Sleep
Mode
Logic
Initialization
VDD>VDD
SLEEP
VDD<VDDSLEEP
and
VDD<VDDUV
VDD>VDDUV
and CSN
SPI Frame
SPI Frame
SPI Frame
to STBY
3V3 = 0V
VDD < VDDSLEEP
CSN>VIH
3V3 = 3V3 prereg.
VDD > VDDSLEEP
All Drivers OFF
Charge Pump
VDD > VDDSLEEP
Control Registers are
set to default values
Disabled
3V3 = 3.3V
VDD >VDDUV
3V3 < 3V3UV.
All Drivers OFF
SPI Communications
Charge Pump
Disabled
is still possible
VDD > VDDSLEEP
Charge Pump
Disabled
Control and Status
are set to default values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com