Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L99VR01_V01 Datasheet HTML 5Page - STMicroelectronics L99VR01_V01 Datasheet HTML 6Page - STMicroelectronics L99VR01_V01 Datasheet HTML 7Page - STMicroelectronics L99VR01_V01 Datasheet HTML 8Page - STMicroelectronics L99VR01_V01 Datasheet HTML 9Page - STMicroelectronics L99VR01_V01 Datasheet HTML 10Page - STMicroelectronics L99VR01_V01 Datasheet HTML 11Page - STMicroelectronics L99VR01_V01 Datasheet HTML 12Page - STMicroelectronics L99VR01_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Table 9. Output voltages selectors
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.046
SELx
VSELx_low
SELx input low voltage
0.3
V
A.047
SELx
VSELx_high
SELx input high voltage
0.7
V
A.048
SELx
ISELx
Pull down current
VS = 3.5V; 13.5 V
0.1
0.4
µA
Table 10. Thermal warning and protection (only for L99VR01J)
Item
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.049
TW
VTw_low
Thermal warning output
low voltage
Rext ≥ 4.7 kΩ to VO
VO=3.3 V; VO=5 V
0.2xVo
V
A.050
TW
Twarn
Thermal warning
temperature
140
150
165
°C
A.051
TW
Twarn_hyst
Thermal warning
hysteresis
3
11
15
°C
A.052
VO
OV
VO overvoltage
VS = 5 V; 13.5 V; VO
increasing
VO=3.3 V; VO=5 V
6.5%
10%
13.5%
Above
VO
A.056
VO
OV__hyst
VO overvoltage
hysteresis
VS = 5 V; 13.5 V; Vo
decreasing
V O=3.3 V; VO=5 V
2%
Below
OV
A.054
TW
Tw_per
Thermal warning square
wave period
VS = 5V; 13.5 V
VO=3.3 V; VO=5 V
160(1)
250
335
µs
1. Tw_per = 130 µs for Vs < 3.5V.
Note:
all parameters are guaranteed in the junction temperature range -40 °C to 150 °C (unless otherwise specified);
L99VR01J device is still operative and functional at higher temperatures (up to 175 °C). Parameters limit at
higher junction temperature than 150 °C may change respect to what is specified as per the standard
temperature range. Device functionality at high junction temperature is guaranteed by characterization.
All parameters are guaranteed by design for Vo not reported in test condition.
Note:
minimum input voltage values are achievable adopting an input ceramic capacitator: C5750X7R2A475M230KA
– ceramic capacitor multistrate SMD, 4.7 μF, 100 V, ±20%, X7R, C series TDK.
L99VR01
Electrical specifications
DS13649 - Rev 4
page 9/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com