Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99VR01_V01 Datasheet HTML 30Page - STMicroelectronics L99VR01_V01 Datasheet HTML 31Page - STMicroelectronics L99VR01_V01 Datasheet HTML 32Page - STMicroelectronics L99VR01_V01 Datasheet HTML 33Page - STMicroelectronics L99VR01_V01 Datasheet HTML 34Page - STMicroelectronics L99VR01_V01 Datasheet HTML 35Page - STMicroelectronics L99VR01_V01 Datasheet HTML 36Page - STMicroelectronics L99VR01_V01 Datasheet HTML 37Page - STMicroelectronics L99VR01_V01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
7.4
SO-8 packaging information
Figure 50. SO-8 tape and reel shipment (suffix “TR”)
Tape dimensions
According to electronic industries association
(EIA) standard 481 rev.A, feb.1986
Tape width
W
12
Tape hole spacing
P0 (± 0.1)
4
Component spacing
P
8
Hole diameter
D (+0.1/-0)
1.5
Hole diameter
D1 (min)
1.5
Hole position
F (
± 0.05)
5.5
Compartment depth
K (max)
4.5
Hole spacing
P1 (± 0.1 )
2
Top
cover
tape
End
Sta rt
No components
No components
Components
50 0mm mi n
Empty components pockets 500 mm min
sealed with cover tape.
User direction of feed
Reel dimensions
All dimensions are in mm.
Base q.ty
25 00
Bulk q.ty
25 00
A (max)
330
B (min)
1.5
C (± 0.2)
13
F
20. 2
G (+2/-0)
12. 4
N (min)
60
T (max)
18. 4
All dimensions are in mm.
L99VR01
Package information
DS13649 - Rev 4
page 34/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com