Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99VR01_V01 Datasheet HTML 32Page - STMicroelectronics L99VR01_V01 Datasheet HTML 33Page - STMicroelectronics L99VR01_V01 Datasheet HTML 34Page - STMicroelectronics L99VR01_V01 Datasheet HTML 35Page - STMicroelectronics L99VR01_V01 Datasheet HTML 36Page - STMicroelectronics L99VR01_V01 Datasheet HTML 37Page - STMicroelectronics L99VR01_V01 Datasheet HTML 38Page - STMicroelectronics L99VR01_V01 Datasheet HTML 39Page - STMicroelectronics L99VR01_V01 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Revision history
Table 18. Document revision history
Date
Version
Changes
02-Mar-2021
1
Initial release
13-Apr-2021
2
Updated Table 11. Thermal warning and protection (only for L99VR01J) ;
Section 2.4 Electrical characteristics curves..
22-Aug-2022
3
Updated Section Features in cover page.
Updated Table 3. Operation junction temperature.
Updated Section 4.11 Functional safety management.
Updated Table 6. Fast output discharge.
Updated Table 7. Reset.
Updated Table 11. Thermal warning and protection (only for L99VR01J).
Updated Figure 45. Rthj-amb vs PCB copper area in open box free air
condition (PowerSSO-12).
09-Feb-2024
4
Updated Features and Description on cover page.
Updated Table 1. Pins description and Table 2. Absolute maximum ratings.
Removed "Table 8: Watchdog (only for L99VR01J)"
Updated Table 2. Absolute maximum ratings.
Updated Section 2.4: Electrical characteristics curves.
Updated Figure 25. Load regulation test circuit , Figure 27. Application
schematic, Figure 28. Application schematic – Post regulation,
Figure 31. Example of output voltage selection and Figure 32. Typical
example of enable control.
Updated Section 4.5: Reset.
Removed "Section: Autonomous watchdog".
Updated Section 4.6: Thermal warning and thermal shutdown.
Updated Section 5: Application.
Updated Section 8: Order codes.
Minor text changes.
L99VR01
DS13649 - Rev 4
page 36/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com