Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L99VR01_V01 Datasheet HTML 23Page - STMicroelectronics L99VR01_V01 Datasheet HTML 24Page - STMicroelectronics L99VR01_V01 Datasheet HTML 25Page - STMicroelectronics L99VR01_V01 Datasheet HTML 26Page - STMicroelectronics L99VR01_V01 Datasheet HTML 27Page - STMicroelectronics L99VR01_V01 Datasheet HTML 28Page - STMicroelectronics L99VR01_V01 Datasheet HTML 29Page - STMicroelectronics L99VR01_V01 Datasheet HTML 30Page - STMicroelectronics L99VR01_V01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
6.2
SO-8 thermal data
Figure 43. SO-8 PC board
Note:
Layout condition of Rth and Zth measurements (PCB: double layer and four layers; FR4 area = 77 mm x 86 mm;
PCB thickness = 1.6 mm; Cu thickness = 0.070 mm (front and back side), Cu thickness 0.035mm (inner layers);
Thermal vias separation 1.2 mm, Thermal via diameter 0.3 mm +/- 0.08 mm; Cu thickness on vias of 0.025 mm,
Footprint dimension 2.2 mm x 2.9 mm.
L99VR01
Package and PCB thermal data
DS13649 - Rev 4
page 27/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com