Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99VR01
Description  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 Datasheet(HTML) 1 Page - STMicroelectronics

  L99VR01_V01 Datasheet HTML 1Page - STMicroelectronics L99VR01_V01 Datasheet HTML 2Page - STMicroelectronics L99VR01_V01 Datasheet HTML 3Page - STMicroelectronics L99VR01_V01 Datasheet HTML 4Page - STMicroelectronics L99VR01_V01 Datasheet HTML 5Page - STMicroelectronics L99VR01_V01 Datasheet HTML 6Page - STMicroelectronics L99VR01_V01 Datasheet HTML 7Page - STMicroelectronics L99VR01_V01 Datasheet HTML 8Page - STMicroelectronics L99VR01_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Features
Max. supply voltage (load
dump)
VS
40 V
Max. output voltage tolerance
ΔVO
+/-2%
Output current
IO
200 mA
Quiescent current
Iqn
≤1 µA (1)
1. Maximum value with regulator disabled
•
AEC-Q100 qualified
•
Operating DC power supply voltage range from 2.15 V to 28 V
•
Battery and post regulation operating modes are allowed
•
Low dropout voltage
•
Low quiescent current consumption
•
User-selectable output voltage (0.8 V; 1.2 V; 1.5 V; 1.8 V; 2.5 V; 2.8 V; 3.3 V or
5 V)
•
Output voltage precision ±2%
•
Enable input for enabling/disabling the voltage regulator
•
Output voltage monitoring with reset output
•
Negligible ESR effect on output voltage stability for load capacitor
•
Undervoltage lockout UVLO
•
Fast output discharge
•
Thermal shutdown and short-circuit current limitation
•
Advanced thermal warning and output overvoltage diagnostic (L99VR01J only)
•
Programmable short-circuit output current (L99VR01J only)
•
Wide operating temperature range (TJ = -40°C to 175°C L99VR01J only)
•
Limited documentation available for customers that need support when dealing
with ASIL requirements as per ISO 26262
Description
L99VR01 is a low dropout linear voltage regulator designed for automotive
applications available in SO-8 and in PowerSSO-12 packages. The LDO delivers up
to 200 mA of load current and consumes as low as 1 μA of quiescent current when
the regulator is disabled. The input is 40 V tolerant to withstand load dump, while the
operating input voltage range is between 2.15 V and 28 V. The L99VR01 can be
configured, through SELx pins, to generate a fixed selectable output voltage (0.8 V;
1.2 V; 1.5 V; 1.8 V; 2.5 V; 2.8 V; 3.3 V or 5 V). High output voltage accuracy (±2%) is
kept over wide temperature range, line and load variation. The L99VR01 features
enable, reset, advanced thermal warning, fast output discharge and IShort control
(IShort control and advanced thermal warning are available only for the L99VR01J).
The regulator output current is internally limited so that the device is protected
against short-circuit and overload, besides it features over temperature protection;
the short current value is configurable by an external resistance in the L99VR01J
version. The L99VR01 can operate both in post regulation, attached to a pre-
regulated voltage or directly connected to battery.
Product status link
L99VR01
Automotive low dropout linear voltage regulator with configurable output voltage
having 200 mA current capability
L99VR01
Datasheet
DS13649 - Rev 4 - February 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L99VR01_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR01JTR STMICROELECTRONICS-L99VR01JTR Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR01JTR STMICROELECTRONICS-L99VR01JTR Datasheet
312Kb / 6P
Automotive-grade LDO with configurable output voltage and diagnostic features based on the L99VR01JTR
02-Sep-2022
L99VR01STR STMICROELECTRONICS-L99VR01STR Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR01STR STMICROELECTRONICS-L99VR01STR Datasheet
2Mb / 6P
Automotive-grade LDO with configurable output voltage based on the L99VR01STR
26-Jul-2022
More results

Similar Description - L99VR01_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Infineon Technologies A...
TLE4252G INFINEON-TLE4252G Datasheet
348Kb / 12P
Low Dropout Tracking Regulator 250 mA output current capability
Rev. 1.0, 2008-05-09
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
200 mA Low Dropout Linear Regulator
REV. C
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com