Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR033QTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99VR033QTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR033QTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99VR033QTR Datasheet HTML 9Page - STMicroelectronics L99VR033QTR Datasheet HTML 10Page - STMicroelectronics L99VR033QTR Datasheet HTML 11Page - STMicroelectronics L99VR033QTR Datasheet HTML 12Page - STMicroelectronics L99VR033QTR Datasheet HTML 13Page - STMicroelectronics L99VR033QTR Datasheet HTML 14Page - STMicroelectronics L99VR033QTR Datasheet HTML 15Page - STMicroelectronics L99VR033QTR Datasheet HTML 16Page - STMicroelectronics L99VR033QTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
3.5
Thermal protection
Thermal protection acts when the junction temperature reaches 190 °C typical. At this point, the output of the IC
shuts down. As soon as the junction temperature falls below the thermal hysteresis value, the device starts
working again.
In order to calculate the maximum power that the device can dissipate, keeping the junction temperature below
the maximum operating value, the following formula is used:
PDMAX = (150 − TAMB) / Rthj-amb
Figure 20. Derating curve
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-60
-40
-20
0
20
40
60
80
100
120
140
160
Ta [°C]
PWSSO12
DFN8
Rthj-amb = 28.4 °C/W
Rthj-amb = 32.5 °C/W
L99VR03
Applicationinformation
DS14803 - Rev 2
page 13/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com