Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR033QTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L99VR033QTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR033QTR Datasheet(HTML) 4 Page - STMicroelectronics

  L99VR033QTR Datasheet HTML 1Page - STMicroelectronics L99VR033QTR Datasheet HTML 2Page - STMicroelectronics L99VR033QTR Datasheet HTML 3Page - STMicroelectronics L99VR033QTR Datasheet HTML 4Page - STMicroelectronics L99VR033QTR Datasheet HTML 5Page - STMicroelectronics L99VR033QTR Datasheet HTML 6Page - STMicroelectronics L99VR033QTR Datasheet HTML 7Page - STMicroelectronics L99VR033QTR Datasheet HTML 8Page - STMicroelectronics L99VR033QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Table 2. PWSSO12 package pin function
#
Name
Function
1
VS
LDO supply voltage
2
DNC
Do not connect, leave the pin floating
3
VO
LDO output voltage
4
GND
Ground reference
5
DNC
Do not connect, leave the pin floating
6
DNC
Do not connect, leave the pin floating
7
DNC
Do not connect, leave the pin floating
8
DNC
Do not connect, leave the pin floating
9
DNC
Do not connect, leave the pin floating
10
DNC
Do not connect, leave the pin floating
11
DNC
Do not connect, leave the pin floating
12
EN
Enable input set VEN:
High = Turn on the device
Low = Turn off the device
EN pin cannot be left floating
TAB
TAB
Connected to the ground
L99VR03
Block diagram and pin description
DS14803 - Rev 2
page 4/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com