Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR033QTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99VR033QTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR033QTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99VR033QTR Datasheet HTML 18Page - STMicroelectronics L99VR033QTR Datasheet HTML 19Page - STMicroelectronics L99VR033QTR Datasheet HTML 20Page - STMicroelectronics L99VR033QTR Datasheet HTML 21Page - STMicroelectronics L99VR033QTR Datasheet HTML 22Page - STMicroelectronics L99VR033QTR Datasheet HTML 23Page - STMicroelectronics L99VR033QTR Datasheet HTML 24Page - STMicroelectronics L99VR033QTR Datasheet HTML 25Page - STMicroelectronics L99VR033QTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Table 11. PWSSO12 (4.9x3.9x1.5 mm exposed pad down) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
A
1.25
-
1.70
A1
0.00
-
0.10
A2
1.10
-
1.60
B
0.2
-
0.41
C
0.190
-
0.25
D
4.80
-
5.00
E
3.80
-
4.00
e
-
0.80
-
H
5.80
-
6.20
h
0.25
-
0.50
L
0.40
-
1.27
k
0d
-
8d
X
2.20
-
2.80
Y
2.90
-
3.50
ddd
-
-
0.10
5.3
VFDFN8 packaging information
Figure 29. VFDFN8 tape and reel shipment
L99VR03
Package information
DS14803 - Rev 2
page 22/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com