Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR033QTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99VR033QTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR033QTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99VR033QTR Datasheet HTML 12Page - STMicroelectronics L99VR033QTR Datasheet HTML 13Page - STMicroelectronics L99VR033QTR Datasheet HTML 14Page - STMicroelectronics L99VR033QTR Datasheet HTML 15Page - STMicroelectronics L99VR033QTR Datasheet HTML 16Page - STMicroelectronics L99VR033QTR Datasheet HTML 17Page - STMicroelectronics L99VR033QTR Datasheet HTML 18Page - STMicroelectronics L99VR033QTR Datasheet HTML 19Page - STMicroelectronics L99VR033QTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Figure 23. PWSSO12 PCB 4 layers
Cu coverage on top layer: 90%
Cu on mid1 layer: full coverage
Cu on mid2 layer: full coverage
Cu coverage on bottom layer: 90%
•
Board finish thickness 1.6 mm ±10%
•
Board four layers
•
Board dimension 77 x 86 mm
•
Board Material FR4
•
Cu thickness 0.070 mm (outer layers)
•
Cu thickness 0.035 mm (inner layers)
•
Thermal vias separation 1.2 mm
•
Thermal via diameter 0.3 mm ±0.08 mm
•
Cu thickness on vias 0.025 mm
•
Footprint dimension 2.2 x 3.9 mm
L99VR03
Package andPCB thermal data
DS14803 - Rev 2
page 16/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com