Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR033QTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L99VR033QTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR033QTR Datasheet(HTML) 3 Page - STMicroelectronics

  L99VR033QTR Datasheet HTML 1Page - STMicroelectronics L99VR033QTR Datasheet HTML 2Page - STMicroelectronics L99VR033QTR Datasheet HTML 3Page - STMicroelectronics L99VR033QTR Datasheet HTML 4Page - STMicroelectronics L99VR033QTR Datasheet HTML 5Page - STMicroelectronics L99VR033QTR Datasheet HTML 6Page - STMicroelectronics L99VR033QTR Datasheet HTML 7Page - STMicroelectronics L99VR033QTR Datasheet HTML 8Page - STMicroelectronics L99VR033QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1.2
Pin description
Figure 2. Pin connection (top view)
1
2
3
4
5
6
8
7
VFDFN8L
PWSSO12
1
2
3
4
5
6
12
11
10
9
8
7
Table 1. VFDFN8L package pin function
#
Name
Function
1
VS
LDO supply voltage
2
DNC
Do not connect, leave the pin floating
3
VO
LDO output voltage
4
GND
Ground reference
5
DNC
Do not connect, leave the pin floating
6
DNC
Do not connect, leave the pin floating
7
DNC
Do not connect, leave the pin floating
8
EN
Enable input set VEN:
High = Turn on the device
Low = Turn off the device
EN pin cannot be left floating
TAB
TAB
Connected to the ground
L99VR03
Block diagram and pin description
DS14803 - Rev 2
page 3/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com