Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 7 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button CLP200M Datasheet HTML 3Page - STMicroelectronics CLP200M Datasheet HTML 4Page - STMicroelectronics CLP200M Datasheet HTML 5Page - STMicroelectronics CLP200M Datasheet HTML 6Page - STMicroelectronics CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics CLP200M Datasheet HTML 10Page - STMicroelectronics CLP200M Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Fig. 7a and 7b
: Switching-on current versus
RSENSE.
Fig. 9 : Operation limits and destructionzone of the
CLP200M.
Fig. 8 : Failure Status circuit and diagnostic.
3
5
7
9
11
13
100
200
300
500
Rsense ( )
Ω
ISWON (mA)
-20
°C25°C75°C
35
7
9
11
100
200
300
500
Rsense ( )
Ω
Iswon @ 25
°C (mA)
Iswon min
Iswon max
Iswon min
Iswon min
negative
negative
positive
positive
CLP200M
Rsense
Rsense
1
FAILURE
+12V
1k
STATUS
0.01
0.1
1
10
10
100
1000
t (ms)
Ipp (A)
The choice of the switching-on current is function
of the RSENSE resistors.
In normal operating condition, only the negative
current of the signal is of interest.This current (typi-
cally below -150 mA) should not activate the pro-
tection device CLP200M. Therefore the level of
activation is to be chosen just above this limit (typi-
cally -200 mA). This level is adjusted through
RSENSE.
Figures 7a and 7b enable the designers to choose
the right RSENSE value.
EXAMPLE :
The choice of RSENSE =4
Ω ensures a negative
triggering of -220 mA min and -320 mA max. In this
case, the positive triggering will be 180mA min and
280 mA max.
2.5 . Failure Status
The CLP200M has an internal feature that allows
the user to get a Failure Status (FS) indication.
When the CLP200M is short-circuiting the line to
GND, a signal can be managed through pin 1. This
signal can be used to turn a LED on in order to pro-
vide a surge indication. It may also be used with a
logic circuitry to count the number of disturbances
appearing on the lines.
If a surge exceeding the maximum ratings of the
CLP200M occurs on the line, the device will fail in
a short-circuit state.
The figure 9 shows two different curves :
The lower one indicates the maximum guaranted
working limits of the CLP200M.
The upper curve shows the limit above which the
CLP200M is completely destructed . In this case,
the Fail Diagnostic pin is on.
®
CLP200M
7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com