Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 1 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 1 Page - STMicroelectronics

  CLP200M Datasheet HTML 1Page - STMicroelectronics CLP200M Datasheet HTML 2Page - STMicroelectronics CLP200M Datasheet HTML 3Page - STMicroelectronics CLP200M Datasheet HTML 4Page - STMicroelectronics CLP200M Datasheet HTML 5Page - STMicroelectronics CLP200M Datasheet HTML 6Page - STMicroelectronics CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CLP200M
®
OVERVOLTAGE AND OVERCURRENT
PROTECTION FOR TELECOM LINE
Application Specific Discretes
A.S.D.
™
PowerSO-10TM
SCHEMATIC DIAGRAM
MAIN APPLICATIONS
Any telecom equipment submitted to transient
overvoltages and lightning strikes such as :
Analog and ISDN line cards
PABX
Main Distribution Frames
Primary protection modules
DESCRIPTION
The CLP200M is designed to protect telecommuni-
cation equipment.It provides both a transient over-
voltage protection and an overcurrent protection.
It is housed in a PowerSO-10
TM package.
FEATURES
DUAL BIDIRECTIONAL PROTECTION DEVICE.
HIGH PEAK PULSE CURRENT :
Ipp = 100A (10/1000
µs SURGE)
MAX. VOLTAGE AT SWITCHING-ON : 290V
MIN. CURRENT AT SWITCHING-OFF : 150mA
FAILURE STATUS OUTPUT PIN
BENEFITS
Both primary and secondary protection levels in
one device.
Voltage and current controlled suppression.
Surface Mounting with PowerSO-10TM package.
Line card cost reduction thanks to the very low
power rating of external components required :
balanced resistors, ring relay, low voltage SLIC
protection.
COMPLIESWITH THE FOLLOWINGSTANDARDS :
CCITT K20 :
10 / 700
µs
4kV
5 / 310
µs
100 A
BELLCORE TR-NWT-000974
10 / 1000
µs
1kV
10 / 1000
µs
100A
NC
FS
TIPS
RINGS
TIPL
TIPL
TIPL
RING L
RING L
RING L
TAB is connected to GND
1
February 1998 Ed : 3
1/21


Similar Part No. - CLP200M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP200M STMICROELECTRONICS-CLP200M Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
CLP200M-TR STMICROELECTRONICS-CLP200M-TR Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
More results

Similar Description - CLP200M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLP270M STMICROELECTRONICS-CLP270M Datasheet
368Kb / 24P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
L3100B STMICROELECTRONICS-L3100B Datasheet
61Kb / 8P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Sep-1998
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Apr-2003
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
Jan-1999
TLPXXM STMICROELECTRONICS-TLPXXM Datasheet
157Kb / 14P
TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
Sep-1998
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
Feb-1998
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
Tripolar overvoltage protection for telecom line
19-Feb-2008
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
28-Aug-2006
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
Jul-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com