Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 13 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button CLP200M Datasheet HTML 9Page - STMicroelectronics CLP200M Datasheet HTML 10Page - STMicroelectronics CLP200M Datasheet HTML 11Page - STMicroelectronics CLP200M Datasheet HTML 12Page - STMicroelectronics CLP200M Datasheet HTML 13Page - STMicroelectronics CLP200M Datasheet HTML 14Page - STMicroelectronics CLP200M Datasheet HTML 15Page - STMicroelectronics CLP200M Datasheet HTML 16Page - STMicroelectronics CLP200M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Symbol
Parameter
Test Conditions
Value
Unit
IPP
Line to GND peak surge
current
10/1000
µs (open circuit voltage
wave shape 10/1000
µs)
100
A
5/310
µs (open circuit voltage
wave shape 10/700
µs)
130
A
ITSM
Mains power induction
current
VRMS = 300V, R = 600
Ω
t = 200ms
0.5
A
Mains power contact current
VRMS = 220V, R = 10
Ω
(failure status threshold)
t = 200 ms
22
A
VRMS = 220V, R = 600
Ω
t = 15 mn
0.30
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 40 to + 150
150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
ABSOLUTE MAXIMUM RATINGS (RSENSE =4
Ω, and Tamb =25 °C)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Max.
ILGL
Line to GND leakage
current
. VLG = 200 V
. Measured between TIP
(or RING) and GND
10
µA
Vref
Overvoltage internal
reference
. ILG =1 mA
. Measured between TIP
(or RING) and GND
215
V
VSWON
Line to GND voltage at SW1
or SW2 switching-on
. Measured at 50 Hz between
TIPL (or RINGL) and GND
290
V
ISWOFF
Line to GND current at SW1
or SW2 switching-off
. Refer to test circuit page 14
150
mA
ISWON
Line current at SW1 or SW2
switching-on
. Positive pulse
. Negative pulse
180
220
280
320
mA
C
Line to GND capacitance
. VLG =-1 V + 1VRMS
. F = 1 MHz
200
pF
ELECTRICAL CHARACTERISTICS (RSENSE =4
Ω, and Tamb =25°C)
®
CLP200M
13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com