Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 3 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 3 Page - STMicroelectronics

  CLP200M Datasheet HTML 1Page - STMicroelectronics CLP200M Datasheet HTML 2Page - STMicroelectronics CLP200M Datasheet HTML 3Page - STMicroelectronics CLP200M Datasheet HTML 4Page - STMicroelectronics CLP200M Datasheet HTML 5Page - STMicroelectronics CLP200M Datasheet HTML 6Page - STMicroelectronics CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Fig. 1 : Subscriber line protection topology
”PRIMARY PROTECTION”
”SECONDARY PROTECTION”
MDF
LINE CARD
telecommunication
EXCHANGE
line
”SECONDARY PROTECTION”
MDF
LINE CARD
telecommunication
EXCHANGE
line
CLP200M
SLIC
THDTxx or
LPC1511D
or LB200B
SLIC
CLP200M
Fig. 2 : Line card protection
-I
SWON
Programmable thanks to
an external resistor
Programmable thanks to
any external voltage reference
V
I
Line card operating conditions
+I
SWON
APPLICATION NOTE
1. INTRODUCTION
The aim of this section is to show the behavior of
our new telecom line protection device. This device
includes a primary protection level and is suitable
for main distribution frames and line cards. This
protection concept is explained and, in addition,
the CLP200M performances are analysed when
facing different surges as described in the CCITT
recommendations.
Figure 1 is a simplified block diagram of a sub-
scriber line protection that is mainly used so far.
This shows two different things :
A ”primary protection” located on the Main Distri-
bution Frame (MDF) eliminates coarsely the high
energy environmental disturbances (lightning
transients and AC power mains disturbances)
A ”secondary protection” located on the line card
includes a primary protectionlevel (first stage)and
a residual protection (second stage) which elimi-
nates finely the remaining transients that have not
beentotally suppressed by the first stage.
The CLP200M can be used both in MDFs and in
line cards. In that case, any line card may be
swapped from one MDF to another one without re-
ducing the efficiency of the whole system protec-
tion.
The CCITT requirements are different for these
two protection locations (MDFs and line cards).
Concerning the ”primary protection”, the CCITT re-
quires a 4kV, 10/700
µs surge test whereas the
”secondary protection” has to withstand a 1kV,
10/700
µs surge test.
The explanations which follow are ba sically
covering thelinecardapplication.
2. SGS-THOMSON CLP200M CONCEPT
2.1 Evolution of the SLIC protection
Over the years, the silicon protection per-
formances have consider ably changed.
The first generation of products like SMTHBTxx
and SMTHDTxx offered fixed overvoltage protec-
tion against surges on either TIP or RING line in
four packages.
The following gene ration like THBTxx and
THDTxx still offered fixed overvoltage protection
against surges on both TIP and RING lines in two
package s.
The next step was the introduction of the
LCP1511D which brought the advantage of full
programmable voltage.
Today, the CLP200M combines the features of all
the previous generations. In addition to that, it of-
fers an overcurrent detection when operating in
speech mode and also a Failure Status output sig-
nal.
The figure 2 summarizes the performance of the
CLP200M which basically holds the SLIC inside its
correct voltage and current values.
®
CLP200M
3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com