Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 8 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 8 Page - STMicroelectronics

Back Button CLP200M Datasheet HTML 4Page - STMicroelectronics CLP200M Datasheet HTML 5Page - STMicroelectronics CLP200M Datasheet HTML 6Page - STMicroelectronics CLP200M Datasheet HTML 7Page - STMicroelectronics CLP200M Datasheet HTML 8Page - STMicroelectronics CLP200M Datasheet HTML 9Page - STMicroelectronics CLP200M Datasheet HTML 10Page - STMicroelectronics CLP200M Datasheet HTML 11Page - STMicroelectronics CLP200M Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Fig. 10 : Transversal and longitudinal test
topologies.
Fig. 12 : Power contact test circuit.
Fig. 11 : Power induction test circuit.
Aor B
Bor A
E
15
25
0.2
µF
50
20
µF
4kv
ITEM
UNDER
TEST
A
B
E
15
25
0.2
µF
50
20
µF
ITEM
UNDER
TEST
25
4kv
TRANSVERSAL TEST
LONGITUDINAL TEST
A
B
R1
ITEM
UNDER
TEST
R2
1
µF
1
µF
E
S2
S1
100
A
B
<10
ITEM
UNDER
TEST
<10
E
600
600
3. CLP200M TESTS RESULTS ACCORDING TO
CCITT K20 RECOMMENDATIONS
3.1 CCITT K20 Recommendations
In respect with the CCITT recommendations, the
CLP200M has to withstand three kinds of distur-
bances.
3.1.1. Lightning simulation
(Test 2, table 2/K20)
This test shall be done in transversaland longitudi-
nal modes as shown in figure 10.
The test generator is the 10/700
µs with 4kV of
peak voltage.
3.1.2. Power induction
(Test 3a and 3b, table 2/K20)
Two kinds of tests using the same circuit topology
(see fig.11) are defined in the CCITT K20.
Test 3a :
Vac(max) = 300VRMS, R1 = R2 = 600
Ω
S2 operating and test duration = 200 ms.
Test 3b :
Vac(max) = 300VRMS (*), R1 = R2 = 200
Ω
S2 operating and test duration not defined.
(*) Recommended value.
3.1.3. Power contact (Test 3, table 1/K20)
This test shall be done with the test circuit of figure
12.
Vac(max) = 220VRMS , with switch S in each posi-
tion and duration 15 min.
3.1.4. Acceptance criteria and number of tests
For the tests described in chapter3.1.1., 3.1.2. and
3.1.3. two criteria are defined :
A: Equipment shall withstand the test without dam-
age and shall operate properly within the specified
limits.
B: A fire hazard should not occur in the equipment
as a result of the tests.
The criteria are affected to the different tests as
mentioned in the table 1.
®
CLP200M
8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com