Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9907_V01 Datasheet HTML 40Page - STMicroelectronics L9907_V01 Datasheet HTML 41Page - STMicroelectronics L9907_V01 Datasheet HTML 42Page - STMicroelectronics L9907_V01 Datasheet HTML 43Page - STMicroelectronics L9907_V01 Datasheet HTML 44Page - STMicroelectronics L9907_V01 Datasheet HTML 45Page - STMicroelectronics L9907_V01 Datasheet HTML 46Page - STMicroelectronics L9907_V01 Datasheet HTML 47Page - STMicroelectronics L9907_V01 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Application circuit
L9907
44/49
DS11800 Rev 5
TRB1
STL225N6F7
AG(1)
STD105N10F7AG(1)
-
TRB2
BCP56-16
-
TBP
-
BCP56-16
-
THSx
STL225N6F7
AG(1)
STD105N10F7AG(1)
X = 1, 2, 3
TLSx
STL225N6F7
AG(1)
STD105N10F7AG(1)
X = 1, 2, 3
1. Actual part number must be carefully selected according to the application current consumption estimation.
Table 37. Application circuit - BOM (continued)
Component
#
Min
Typ
Max
Unit
Recommended Voltage/
Part Number
Comment
12 V
system
24 V
system
48 V
system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com