Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9907_V01 Datasheet HTML 28Page - STMicroelectronics L9907_V01 Datasheet HTML 29Page - STMicroelectronics L9907_V01 Datasheet HTML 30Page - STMicroelectronics L9907_V01 Datasheet HTML 31Page - STMicroelectronics L9907_V01 Datasheet HTML 32Page - STMicroelectronics L9907_V01 Datasheet HTML 33Page - STMicroelectronics L9907_V01 Datasheet HTML 34Page - STMicroelectronics L9907_V01 Datasheet HTML 35Page - STMicroelectronics L9907_V01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
SPI operation
L9907
32/49
DS11800 Rev 5
d)
Off2 (B3) is used to select current sense amplifier 2 offset (for ground or phase
connection): '0' (default value) means ground, '1' means phase.
e)
G11 and G10 (B2,B1) are used to select Current sense amplifier 1 Gain:('00'
default condition at Power-On Reset)
f)
Off1 (B0) is used to select current sense amplifier 1 offset (for ground or phase
connection): '0' (default value) means ground, '1' means phase.
2.
CMD1 register - Diagnostic settings: B(15:13) = 001
In order to avoid unsafe change of diagnostic settings, it is not possible to write the CMD1
register during normal Output Gate Drive operation. For this reason at least one Enable
signal EN1 or EN2 must be deasserted in order to update the CMD1 register. If EN1 and
EN2 are both asserted while a SPI cycle CMD1 with WE=1 is ongoing, then a SPI
communication error is generated and the corresponding SPI command is ignored.
Since the Enable signals EN1 and EN2 also affect the output gate drives, a deglitch filter is
implemented on both of them. This filter is active on either falling edge of EN1 or EN2
signal.
In order to avoid unsafe change of fault management settings, as for the CMD1 register, it is
not possible to write CMD4 register during normal Output Gate Drive operation. For this
reason at least one Enable signal EN1 or EN2 must be deasserted in order to update the
register.
If EN1 and EN2 are both asserted while a SPI cycle CMD4 or CMD1 with WE=1 is ongoing,
then a SPI communication error is generated and the corresponding SPI command is
ignored.
a)
SC_LS1 and SC_LS0 (B7,B6) are used to select short circuit detection threshold
for low-side external MOSFET ('00' default condition at power up):
Note:
The accuracy in ranges in Table 29 is valid for VB > 6 V. For VB < 6 V the accuracy is 22.5%
for each configuration.
Table 28. Current sense amplifier 1 gain
Gain
B2 = G11
B1 = G10
10
0
0
30
0
1
50
1
0
100
1
1
Table 29. Short circuit detection threshold for low-side external MOSFET
VSC_LS
B7 = SC_LS1
B6 = SC_LS0
0.4 – 0.6 V
0
0
0.7 – 0.9 V
0
1
0.9 – 1.1 V
1
0
1.17 – 1.43 V
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com