Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9907_V01 Datasheet HTML 39Page - STMicroelectronics L9907_V01 Datasheet HTML 40Page - STMicroelectronics L9907_V01 Datasheet HTML 41Page - STMicroelectronics L9907_V01 Datasheet HTML 42Page - STMicroelectronics L9907_V01 Datasheet HTML 43Page - STMicroelectronics L9907_V01 Datasheet HTML 44Page - STMicroelectronics L9907_V01 Datasheet HTML 45Page - STMicroelectronics L9907_V01 Datasheet HTML 46Page - STMicroelectronics L9907_V01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
DS11800 Rev 5
43/49
L9907
Application circuit
48
CHB
1
-
220
-
μF
50 V
100 V
-
CBSx
3
-
1
-
μF
25 V
X = 1, 2, 3
CLSD
1-
1
-
μF
16 V
Place near
LSx
ground
CISx+
2
-
22
-
nF
6.3 V
X = 1, 2
CISx-
2
-
22
-
nF
6.3 V
X = 1, 2
CIBx
2
-
220
-
pF
6.3 V
X = 1, 2
optional
CVCC
1
-
100
-
nF
6.3 V
Place near
device
pins
CVDD
1
100-20%
100
100+20%
nF
6.3 V
RRB1
1-
39
-
kΩ
-
-
RRB2
1-
1
-
kΩ
-
-
RRB3
1-
22
-
kΩ
-
-
RBP1
1
-
22
-
kΩ
-
optional
RBP2
1
-
22
-
kΩ
-
optional
RGHS1x
3-
22
-
Ω
-
X = 1, 2, 3
optional
RGHS2x
3
-
100
-
kΩ
-
X = 1, 2, 3
optional
RGLS1x
3-
22
-
Ω
-
X = 1, 2, 3
optional
RGLS2x
3-
100
kΩ
-
X = 1, 2, 3
optional
RIBx
2
-
1
-
kΩ
-
X = 1, 2,
optional
RSHUNTx
2
-
4
-
mΩ
WSL10204L000FEA
X = 1, 2
RGCR
1
1-10%
1
22+10%
kΩ
-
-
LBST
1-
47
-
μH
-
-
D1
1
-
-
-
-
STPS2H100ZFY
-
D2
1
-
-
-
-
STPS0520Z
-
D3
1
-
-
-
-
STPS3L60
-
D4
1
-
-
-
-
SMA6T39AY
SMA6T56AY
-
-
D5
1
-
-
-
-
Short
SMA6T6V7AY
-
-
Table 37. Application circuit - BOM (continued)
Component
#
Min
Typ
Max
Unit
Recommended Voltage/
Part Number
Comment
12 V
system
24 V
system
48 V
system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com