Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9907_V01 Datasheet HTML 23Page - STMicroelectronics L9907_V01 Datasheet HTML 24Page - STMicroelectronics L9907_V01 Datasheet HTML 25Page - STMicroelectronics L9907_V01 Datasheet HTML 26Page - STMicroelectronics L9907_V01 Datasheet HTML 27Page - STMicroelectronics L9907_V01 Datasheet HTML 28Page - STMicroelectronics L9907_V01 Datasheet HTML 29Page - STMicroelectronics L9907_V01 Datasheet HTML 30Page - STMicroelectronics L9907_V01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
DS11800 Rev 5
27/49
L9907
Electrical specifications
48
Note:
Table 21 is referred to current sense amplifier configuration for unidirectional current
measurement (shunt resistors to ground). SPI select: Offx=0 (Power up default), where
x=1,2 in CMD0 command frame.
Table 21. Ground current sense amplifier
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vin_off
Differential input offset
voltage
--5
-
5
mV
Vio_step
Calibration step of
differential input offset
voltage(1)
--
1
-
mV
VICM
Common Mode Input
Voltage Range
Operating
-2
-
+2
V
Transient (t<1
s)
-7
-
+7
V
Vobias
Output bias voltage
V(Isx+) -V(Isx-) = 0
0.2*Vcc-
0.5(2)
0.2*Vcc
0.2*Vcc+
0.5(3)
V
IOD
Input offset drift(3)
Vcc = 5V
-
7
14
µV/°C
CMRR
Input common mode
rejection ratio
-70
86
-
dB
ISX+(4)
Positive input pin current
Gain = 10 to 100,
VCC = 5 V
-200
-
-
µA
ISX-(4)
Negative input pin
current
Gain = 10 to 100,
VCC = 5 V
-1
-
-
mA
BST_C PSRR
Rejection ratio for Boost
output power supply to
Amplifier Input
V(BST_C) / V(IBx)
f=350KHz
40(5)
--
dB
Gain
Gain
Gx1,Gx0 = 11 (x=1,2)
-2%
100
+2%
-
Gx1,Gx0 = 10 (x=1,2)
-2%
50
+2%
-
Gx1,Gx0 = 01 (x=1,2)
-2%
30
+2%
-
Gx1,Gx0 = 00 (x=1,2)
(default)
-2%
10
+2%
-
Gain temperature drift(3)
--
-
100
ppm/
°C
Voh
IBx output voltage high
level
V(Isx+) -V(Isx-) > 500 mV,
Iout = 100 µA, VCC = 3.3 V
Vcc -
0.12V
--
Voh
V(Isx+) -V(Isx-) > 500 mV,
Iout = 100 µA, VCC = 5 V
Vcc -
0.15V
--
Vol
IBx output voltage low
level
V(Isx+) -V(Isx-) < -500 mV,
Iout = 100 µA
--
100
mV
SRCSO
CSO slew rate
RL = 1 kΩ, CL = 20 pF
1
2
-
V/µs
tSETTLING
Output settling time
Gain = 10,30, 50 and 100,
from 10% to 90%
RL = 1 kΩ, CL = 20 pF
--
5
µs
1. 30 calibration steps (15 for positive and 15 for negative direction) are available through SPI command for offset calibration.
2. Worst case, if gain=100 is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com