Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9907_V01 Datasheet HTML 26Page - STMicroelectronics L9907_V01 Datasheet HTML 27Page - STMicroelectronics L9907_V01 Datasheet HTML 28Page - STMicroelectronics L9907_V01 Datasheet HTML 29Page - STMicroelectronics L9907_V01 Datasheet HTML 30Page - STMicroelectronics L9907_V01 Datasheet HTML 31Page - STMicroelectronics L9907_V01 Datasheet HTML 32Page - STMicroelectronics L9907_V01 Datasheet HTML 33Page - STMicroelectronics L9907_V01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
SPI operation
L9907
30/49
DS11800 Rev 5
4.1
SPI bits mapping
The L9907 provides the instructions to decide which kind of strategy to adopt for faults
managing: the strategy can be selected by toggling the enable fault flags available in CMD4
and CMD1 registers.
When a fault has been validated, the corresponding diagnostic flag is set and FS_FLAG is
asserted low. The device can perform shut-off or take no action depending on the value of
the enable fault flag.
In the case where shut-off for a fault is disabled, micro becomes fully responsible for the
shut-off management for the disabled fault.
As default value, all the enable fault flags are asserted high, so the device will take the
actions described in the section related to each of them.
9
SDO rise/fall time (tSDO-rise, tSDO-fall)
Cload < 60 pF
@ fSCK =8 MHz
-35-
ns
10
CS
tCS-select
tCS-access
tCS-negated
8
9
10
50
3.58
640
--
ns
µs
ns
11
SDO Access Time (ta)11
-
-
80
ns
Table 22. SPI timing specifications (continued)
#
Parameter
Condition
Min.
Typ.
Max.
Unit
Table 23. SDI bit map definition
Item B15 B14 B13 B12 B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
AND (EN1,
EN2)
CMD0
0
0
0
-
Par
WE
DT1
DT0IG_1
IG_0G21
G20
Off2
G11
G10
Off1
-
CMD1
00
1
Par
WE
0
CMD2
01
0
Par
WE
--
--
-
-
CMD3
01
1
Par
WE
-
CMD4
10
0
Par
WE
0
DIAG
1
1
0
-
Par
-
--
--
--
--
--
-
DIAG2
1
1
1
-
Par
-
--
--
--
--
--
-
1. Writable only if AND(EN1,EN2) low else command ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com