Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM17699 Datasheet(PDF) 7 Page - STMicroelectronics

Part # CM17699
Description  COLOR PDP DRIVER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CM17699 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button CM17699 Datasheet HTML 3Page - STMicroelectronics CM17699 Datasheet HTML 4Page - STMicroelectronics CM17699 Datasheet HTML 5Page - STMicroelectronics CM17699 Datasheet HTML 6Page - STMicroelectronics CM17699 Datasheet HTML 7Page - STMicroelectronics CM17699 Datasheet HTML 8Page - STMicroelectronics CM17699 Datasheet HTML 9Page - STMicroelectronics CM17699 Datasheet HTML 10Page - STMicroelectronics CM17699 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6.4 - Block Diagram
6 - STV7699 SPECIFICATIONS (continued)
B4
A4
B3
A3
B2
A2
16-BIT SHIFT REGISTER
P3
P63
F/R
16-BIT SHIFT REGISTER
P1
P61
2
79
V
SSP
Pins 6-15-24-35
40-46-57-66-75
V
CC
B1
A1
STB
BLK
POL
OUT1
OUT64
STV7699
CLK
V
PP
Pins 1-29-30
51-52-80
LATCH
Q1
Q64
Q2
Q63
P64
P1
P63
P4
16-BIT SHIFT REGISTER
P2
P62
16-BIT SHIFT REGISTER
P4
P64
V
SSSUB
Pins 41-81
V
SSLOG
Pins 90 to 93
HIZ
6.5 - Circuit Description
STV7699 contains all the logic and the power
circuits necessary to drive the colums of a Plasma
Display Panel (P.D.P.). Data are shifted at each low
to high transition of the (CLK) shift clock. Data are
input in a 4-bit wide data bus to A1 - A4 input (case
of forward shift mode ; F/R = low). After 16 shifts,
the first nibble is available at the serial outputs
B1 - B4. These outputs can be used to cascade
several drivers to perform any horizontal resolution.
CLK, Ai and Bi inputs are Smith trigger inputs to
improve the noise margin.
The Forward/Reverse (F/R) input is used to select
the direction of the shift register.
The maximum frequency of the shift clock is
20MHz.
All the output data are held and memorized into the
latch stage when the Latch input (STB) is high.
When it is at low level, data are transferred from
the shift register to the latch and to the output power
stage.
Output state can be forced to high impedance by
pulling low HIZ input.
When BLK is Low, all the outputs are forced to low
level or high level according to POL signal value.
Output state copy data that was input, with the
same polarity, when BLK, HIZ and POL are High.
VSSLOG, VSSSUB and VSSP are not internally con-
nected.
VSSLOG and VSSSUB must be connected as close as
possible to the logical reference ground of the
application.
Table 1 : Power Output Truth Table
Data STB POL BLK HIZ
Driver
Output
Comments
x
xxx
L
HIZ
High impedance
x
x
L
x
H
L
Forced to low
x
x
H
L
H
H
Forced to high
x
H
H
H
H
Qn (1)
Latched data
L
L
H
H
H
L
Copy data
H
L
H
H
H
H
Copy data
Note 1 : Qn is the value memorised in the latch stage ; it is the value
of the parallel shift register output stage after n Clock
pulses.
A data loaded in the shift register is read on the
output power stage without inversion of its polarity.
Table 2 : Control Table
F/R
Ai
Bi
Comments
L
Input
Output
Forward shift
H
Output
Input
Reverse shift
CM17699
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com