Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM17699 Datasheet(PDF) 9 Page - STMicroelectronics

Part # CM17699
Description  COLOR PDP DRIVER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CM17699 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button CM17699 Datasheet HTML 3Page - STMicroelectronics CM17699 Datasheet HTML 4Page - STMicroelectronics CM17699 Datasheet HTML 5Page - STMicroelectronics CM17699 Datasheet HTML 6Page - STMicroelectronics CM17699 Datasheet HTML 7Page - STMicroelectronics CM17699 Datasheet HTML 8Page - STMicroelectronics CM17699 Datasheet HTML 9Page - STMicroelectronics CM17699 Datasheet HTML 10Page - STMicroelectronics CM17699 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
6.6.3 - AC Timings Requirements
(VCC = 4.5V to 5.5V, Tamb = -20 to +85°C, input signals max leading edge & trailing edge (tR, tF) = 10ns)
Symbol
Parameter
Min.
Typ. Max.
Unit
tCLK
Data Clock Period
50
-
-
ns
tWHCLK
Duration of clock (CLK) pulse at high level
15
-
-
ns
tWLCLK
Duration of clock (CLK) pulse at low level
15
-
-
ns
tSDAT
Set-up Time of data input before clock (low to high) transition
0
-
-
ns
tHDAT
Hold Time of data input after clock (low to high) transition
15
-
-
ns
tDSTB
Minimum Delay to latch (STB) after clock (low to high) transition
20
-
-
ns
tSTB
Latch (STB) Low Level Pulse Duration
10
-
-
ns
tBLK
Blanking (BLK) Pulse Duration
100
-
-
ns
tPOL
Polarity (POL) Pulse Duration
100
-
-
ns
tHIZ
High Impedance (HIZ) Pulse Duration
100
-
-
ns
tSFR
Set-up Time of Forward/Reverse Signal before Clock (low to high) transition
100
-
-
ns
6.6.4 - AC Timings Characteristics
(VCC = 5V, VPP = 65V, VSSP = 0V, VSSLOG = 0V, VSSSUB = 0V, Tamb = 25°C, VILMax. = 0.2VCC, VIHMin. = 0.8VCC,
VOH = 4.0V, VOL = 0.4V, CL = 10pF, unless otherwise specified)
Symbol
Parameter
Min.
Typ. Max.
Unit
tCLK
Data Clock Period
50
-
-
ns
tRDAT
Logical Data Output Rise Time
-
TBD
30
ns
tFDAT
Logical Data Output Fall Time
-
TBD
30
ns
tPHL1
tPLH1
Delay of logic data output (high to low transition) after clock (CLK) transition
Delay of logic data output (low to high transition) after clock (CLK) transition
-
-
40
40
TBD
TBD
ns
ns
tPHL2
tPLH2
Delay of power output change (high to low transition) after clock (CLK) transition
Delay of power output change (low to high transition) after clock (CLK) transition
-
-
TBD
TBD
120
120
ns
ns
tPHL3
tPLH3
Delay of power output change (high to low transition) after Latch (STB) transition
Delay of power output change (low to high transition) after Latch (STB) transition
-
-
TBD
TBD
110
110
ns
ns
tPHL4
tPLH4
Delay of power output change (high to low transition) to Blank (BLK) or Polarity
(POL) transition
Delay of power output change (low to high transition) to Blank (BLK) or Polarity
(POL) transition
-
-
TBD
TBD
100
100
ns
ns
tPHZ5
tPLZ5
Delay of power output change (high to Hi-Z transition) after high impedance (HIZ) (5)
Delay of power output change (low to Hi-Z transition) after high impedance (HIZ) (5)
-
-
TBD
TBD
100
100
ns
ns
tPZH5
tPZL5
Delay of power output change (Hi-Z to high transition) after high impedance (HIZ) (5)
Delay of power output change (Hi-Z to low transition) after high impedance (HIZ) (5)
-
-
TBD
TBD
100
100
ns
ns
tROUT
Power Output Rise Time (6)
-
-
150
ns
tFOUT
Power Output Fall Time (6)
-
-
150
ns
Notes : 5. See test diagram.
6. One output among 64, loading capacitor COUT = 50pF, other outputs at low level.
6 - STV7699 SPECIFICATIONS (continued)
CM17699
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com