Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM17699 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CM17699
Description  COLOR PDP DRIVER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CM17699 Datasheet(HTML) 2 Page - STMicroelectronics

  CM17699 Datasheet HTML 1Page - STMicroelectronics CM17699 Datasheet HTML 2Page - STMicroelectronics CM17699 Datasheet HTML 3Page - STMicroelectronics CM17699 Datasheet HTML 4Page - STMicroelectronics CM17699 Datasheet HTML 5Page - STMicroelectronics CM17699 Datasheet HTML 6Page - STMicroelectronics CM17699 Datasheet HTML 7Page - STMicroelectronics CM17699 Datasheet HTML 8Page - STMicroelectronics CM17699 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
The CM17699 is plasma Display Panel (PDP) data
driver board implementing 5 data drivers refer-
enced STV7699.
This module addresses 320 column electrodes of
a plasma panel. The monoblock structure of this
module and the output Flexible Printed Circuit
(FPC) realizes a high density package for data
drivers ICs. This module is adapted to standard
definition large size PDPs. The bidirectional feature
of this module allows its implementation on the top
side and/or bottom side of the panel without any
modification in the data bit stream.
1 - CM17699 MAIN FEATURES
- Equiped with five STV7699 devices - 4 x 16-bit
bidirectional shift register
- Mounted connectors/capacitors
- Configurable for AC/DC power supply
- FPC compatible with narrow pitches of column
electrodes
- Compatible with custom designs.
Output Count
320
Output Pitch
320mm
Logic Power Supply
4.5V to 5.5V
Power Supply Voltage
30V to 160V
Power Output Current
±40mA
Clock Frequency
20MHz
Dimension
COB - 92 x 33
FPC - 101.4 x 50
2 - CM17699 CONNECTORS DEFINITION
2.1 - Signal Connector
Input signal connector is a 50 nodes high density
connector defined as follow :
1A14
2A13
3A12
4A11
5B11
6B12
7B13
8B14
9A24
10
A23
11
A22
12
A21
13
B21
14
B22
15
B23
16
B24
17
A34
18
A33
19
A32
20
A31
21
B31
22
B32
23
B33
24
B34
25
BLK
26
VSS
27
POL
28
VSS
29
F/R
30
VSS
31
STB
32
VSS
33
CLK
34
VSS
35
A44
36
A43
37
A42
38
A41
39
B41
40
B42
41
B43
42
B44
43
A54
44
A53
45
A52
46
A51
47
B51
48
B53
49
B53
50
B54
2.2 - Power Supply Connector
Power supplies come from 2 connectors of 3 nodes
each (VPP, VDD, VSS). The use of both connectors
is not necessary as all the supplies are connected
together on the board. The use of both connectors
spread the currents on the PC borad and reduce
the EMI radiations.
Depending on the application, the data module can
be configured either for DC supplies or for AC
supplies of the data drivers by the implementation
of surface mounted devices.
CM17699
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com