Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM17699 Datasheet(PDF) 8 Page - STMicroelectronics

Part # CM17699
Description  COLOR PDP DRIVER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CM17699 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button CM17699 Datasheet HTML 3Page - STMicroelectronics CM17699 Datasheet HTML 4Page - STMicroelectronics CM17699 Datasheet HTML 5Page - STMicroelectronics CM17699 Datasheet HTML 6Page - STMicroelectronics CM17699 Datasheet HTML 7Page - STMicroelectronics CM17699 Datasheet HTML 8Page - STMicroelectronics CM17699 Datasheet HTML 9Page - STMicroelectronics CM17699 Datasheet HTML 10Page - STMicroelectronics CM17699 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
6.6 - Characteristics
6.6.1 - Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
Logic Supply
-0.3, +7
V
VIN
Logic Input Voltage
-0.3, VCC + 0.3
V
VOUT
Logic Output Voltage
-0.3, VCC + 0.3
V
VPOUT
Driver Output Voltage
-0.3, +170
V
VPP
Driver Power Supply
-0.3, +170
V
IPOUT
Driver Output Current (1)
±60
mA
IDOUT
Diode Output Current (1)
+40/-50
mA
Tjmax
Junction Temperature
+150
°C
Toper
Operating Temperature
-20, +85
°C
Tstg
Storage Temperature
-50, +150
°C
Note :
1. Through all power outputs : with power dissipation lower or equal than Ptot and junction temperature lower or equal than Tjmax.
6.6.2 - Electrical Characteristics
(VCC = 5V, VPP = 160V, VSSP = 0V, VSSLOG = 0V, VSSSUB = 0V, Tamb = 25°C, fCLK = 20MHz,
unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VCC
Logic Supply Voltage
4.5
5
5.5
V
ICCH
Logic Supply Current
-
-
100
µA
ICCL
Logic Supply Current
fCLK = 20MHz
-
12
TBD
mA
VPP
Power Output Supply Voltage
-
-
160
V
IPPH
Power Output Supply Current (steady outputs)
-
-
100
µA
OUTPUT
OUT1-OUT64
VPOUTH
Power Output High Level
IPOUTH = - 10mA, VPP = 65V
IPOUTH = - 40mA, VPP = 65V
55
TBD
60
-
-
-
V
V
VPOUTL
Power Output Low Level
IPOUTL = + 10mA
IPOUTL = + 30mA
-
-
2
12
5
TBD
V
V
VDOUTH
Output Diode High Level
IDOUTH = + 25mA (2)(3)
-
-
3
V
VDOUTL
Output Diode Low Level
IDOUTL = - 25mA (2)(3)
-
-
-3
V
IOUTHIZ
Output Stage Leakage Current on HIZ State
-
-
±10
µA
SHIFT REGISTER OUTPUT (Ai or Bi according to F/R Status)
VOH
Logic Output High Level
IOH = - 0.5mA
4
-
-
V
VOL
Logic Output Low Level
IOL = + 0.5mA
-
0.1
0.3
V
INPUT (CLK, STB, BLK, HIZ, Ai, Bi)
VIH
Input High Level
0.8 VCC
--
V
VIL
Input Low Level
-
-
0.2 VCC
V
IIH
High Level Input Current
VIH = VCC
--
1
µA
IIL
Low Level Input Current
VIL = 0V
-
-
-1
µA
Notes : 2. Compatible with power dissipation and Tjoper
≤ 125°C.
3. See test diagram.
6 - STV7699 SPECIFICATIONS (continued)
CM17699
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com