Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM17699 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CM17699
Description  COLOR PDP DRIVER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CM17699 Datasheet(HTML) 5 Page - STMicroelectronics

  CM17699 Datasheet HTML 1Page - STMicroelectronics CM17699 Datasheet HTML 2Page - STMicroelectronics CM17699 Datasheet HTML 3Page - STMicroelectronics CM17699 Datasheet HTML 4Page - STMicroelectronics CM17699 Datasheet HTML 5Page - STMicroelectronics CM17699 Datasheet HTML 6Page - STMicroelectronics CM17699 Datasheet HTML 7Page - STMicroelectronics CM17699 Datasheet HTML 8Page - STMicroelectronics CM17699 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4 - PCB MECHANICAL SPECIFICATIONS
92.0mm
35.1mm
5mm
10.9mm
10.9mm
5mm
CN2
CN3
CN1
31
50
1
3
4mm
3.3mm
CN1 & CN2 : JAE IL-3PL-SMTY-E1500
CN3 : JAE IL-FHR-50S-HF-E3000
Figure 3
101.4mm
P 0.3 x (324-1) x 0.9991 = 96.81279 W = 0.15
P 0.25961 x (326-1) = 84.37325 W = 0.1
1.25mm
1.2mm
4.7mm
Ø 0.5mm
2.25
1.15
0.15
0.4 0.4 0.4
PCB
Bonding
LCD
Bonding
1.4
3.75
FPC specifications (UPILEX otherwise thermal expansion specified)
Cu Foil : 35
m m
Ni Plating : > 1
m m
Au Plating : > 0.1
m m
Design values :
Conductor width = 0.15 ± 0.04
Gap width = 0.15 ± 0.04
Figure 4
The rigid board is 92mm long by 30mm wide.
The rigid board can be mounted on the mechanical
chassis of the plasma panel or on a heat sinker by
clips and/or screws.
The recommended size of the heat sinker depends
on the final application if data drivers are powered
with a DC or an AC supply.
Power supplies (VPP, VSS) are dispatched by large
copper surface in order to spread the current on the
board and reduce voltage drops and EMI.
5 - FPC MECHANICAL SPECIFICATIONS
6 - STV7699 SPECIFICATIONS
6.1 - Features
- 64 outputs plasma display driver
- 170V absolute maximum supply
- 5V supply for logic
- 50/40mA source / sink output
- 60/60mA source / sink output diode
- 64-bit shift register (20MHz)
- BLK, polarity and HIZ control
- BCD technology
6.2 - General Description
The STV7699 is a Plasma Display Panel (PDP) data
driver implemented in ST’s proprietary BCD technol-
ogy. Using a 4-bit wide cascadable shift register,
it drives 64 high current & high voltage outputs.
By serialy connecting several STV7699, any hori-
zontal pixel definition can be performed. The 20MHz
shift clock gives an equivalent 80MHz shift register.
The STV7699 is supplied with a separated 170V
power output supply and a 5V logic supply. All com-
mand inputs are CMOS compatible.
CM17699
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com