Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9959_V01 Datasheet HTML 5Page - STMicroelectronics L9959_V01 Datasheet HTML 6Page - STMicroelectronics L9959_V01 Datasheet HTML 7Page - STMicroelectronics L9959_V01 Datasheet HTML 8Page - STMicroelectronics L9959_V01 Datasheet HTML 9Page - STMicroelectronics L9959_V01 Datasheet HTML 10Page - STMicroelectronics L9959_V01 Datasheet HTML 11Page - STMicroelectronics L9959_V01 Datasheet HTML 12Page - STMicroelectronics L9959_V01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
DocID027540 Rev 3
9/49
L9959
Pins description
48
9CF
Current Proportional Feedback output:
The CF pin provides in conjunction with an external resistor an output current, which is
proportional to the H-Bridge current.
10
/ABE
Bidirectional Ability/Enable Pin:
Open-Drain Output, which is pulled low in case of VDD over- and under-voltage. If the input
is pulled to low, all output stages are switched off.
11
GNDABE
Sense Ground for VDD monitoring
15
AGND
Device Ground. (Connected to Exposed PAD)
17
VDD
VDD Supply: 5 V Supply
18
VS
Power supply voltage for power stage outputs (external reverse protection required)
19
DIS
Disable input:
DIS switches OUT1 and OUT2 to tristate.
20
DIR
Direction input:
The DIR pin controls the switch direction of OUT1 and OUT2.
21
PWM
PWM input:
The PWM input switches OUT1 and OUT2.
23
OUT2
Bridge output 1 and 2:
The bridge outputs are built of a high-side p-channel and a low-side N-channel transistor.
EP
AGND
Exposed Pad:
Connected to AGND.
Table 2. L9959S PSSO24 pin-out (continued)
Pin
Symbol
Function
Table 3. L9959T (Two H-Bridge drivers in one package) PSSO36 pin-out
Pin
Symbol
Function
1
PGND1(1)
Ground:
Important: For the capability of driving the full current at the outputs, all ground pins must be
externally connected.
2
OUT11
Bridge output 11, 12, 21, and 22:
The bridge outputs are built of a high-side p-channel and a low-side N-channel transistor.
The bridge outputs of chip 1 are OUT11 and OUT12, of chip 2 OUT21 and OUT22.
3
SCK1
Serial clock input:
This input controls the internal shift register of the SPI.
SCK1 belongs to chip 1 and SCK2 to chip 2.
4
SS1
Slave Select input:
The serial data transfer between the device and the micro controller is enabled by pulling
the input SS to low level.
SS1 belongs to chip 1 and SS2 to chip 2.
5
SI1
Slave in (Serial data input):
The input receives serial data from the microcontroller.
SI1 belongs to chip 1 and SI2 to chip 2.
6
SO1
Slave Out (Serial data output):
The diagnosis data is available via the SPI through this tristate-output.
SO1 belongs to chip 1 and SO2 to chip 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com