Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9959_V01 Datasheet HTML 23Page - STMicroelectronics L9959_V01 Datasheet HTML 24Page - STMicroelectronics L9959_V01 Datasheet HTML 25Page - STMicroelectronics L9959_V01 Datasheet HTML 26Page - STMicroelectronics L9959_V01 Datasheet HTML 27Page - STMicroelectronics L9959_V01 Datasheet HTML 28Page - STMicroelectronics L9959_V01 Datasheet HTML 29Page - STMicroelectronics L9959_V01 Datasheet HTML 30Page - STMicroelectronics L9959_V01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
DocID027540 Rev 3
27/49
L9959
Application information
48
4.2.2
Current limitation
The H-Bridge output current can be limited to three different values (see Table 15: Current
limiting). If the current reaches the current limiting threshold ICL, the output driver is
switched off after the blanking time tb, and switched on again after the current dropped
below the lower current limit hysteresis threshold (ICL – IHYS). The current limiting
thresholds can be adjusted using the resistor at pin CF. The values in Table 15 refer to a
5.1k Ohm external resistor. The current limiting threshold can be calculated by (4.5V/RCF -
IOFFSET) * (ICLx*5.1k/4.45V) from Table 15 and IOFFSET =10μA (typical). RCF is the resistor
used at pin CF.
The overcurrent threshold is not changed by RCF (see Table 16). The current limitation is
active as long as the output driver is switched on. The information that the device is in
current limitation is stored in the diagnosis register 2 (DIA_REG2).
Figure 16. Current limitation
4.2.3
Temperature dependent current reduction
If the device reaches the temperature TILR, the current will be reduced (see Figure 17:
Temperature dependent current reduction). If the temperature reaches the temperature
shutdown threshold TSD, the outputs are switched off. The current limitation information is
written into the diagnosis register 2 (DIA_REG2).
Figure 17. Temperature dependent current reduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com