Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9959_V01 Datasheet HTML 16Page - STMicroelectronics L9959_V01 Datasheet HTML 17Page - STMicroelectronics L9959_V01 Datasheet HTML 18Page - STMicroelectronics L9959_V01 Datasheet HTML 19Page - STMicroelectronics L9959_V01 Datasheet HTML 20Page - STMicroelectronics L9959_V01 Datasheet HTML 21Page - STMicroelectronics L9959_V01 Datasheet HTML 22Page - STMicroelectronics L9959_V01 Datasheet HTML 23Page - STMicroelectronics L9959_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Electrical specifications
L9959
20/49
DocID027540 Rev 3
Note:
If the value of the connected load is below 5 kΩ no Open Load is detected; whereas if the
value of the connected load is more than 50 kΩ, Open Load is detected.
If the load is in the range between (5 to 50) kΩ, the Open Load diagnosis could be not
reliable.
3.6
Temperature dependent current reduction
Note: see also Figure 17: Temperature dependent current reduction.
3.7
Free-wheeling diodes
Table 17. Open-load detection
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ROL
Open-load detection threshold
-5
-
50
kΩ
tDIAGOL
Open-load diagnosis enable delay
Guaranteed through
scan.
100
-
150
ms
tDIAGOL1 Open-load diagnosis filter time1
2.4
-
3.6
ms
tDIAGOL2 Open-load diagnosis filter time2
200
-
300
μs
Vout1_OFF Out1 voltage regulator
-
1.67
-
1.97
V
Table 18. Retest delay
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tdelay retest Retest delay for failures: SCB, SCG, SCL Guaranteed through scan. 290
350
410
μs
Table 19. Temperature dependent current reduction
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
|IL_TSD|
Current limit at TSD
-
1.4
2.5
3.6
A
TILR
Start of temperature dependent
current reduction
-
150
165
-
°C
TSD
Thermal shut-down
-
175
-
-
°C
TSD-TILR
Range of temperature dependent
current reduction
-
202530
°C
TfTSD
Thermo-shut-down detection filter time Guaranteed through scan.
6
-
18
μs
Table 20. Free-wheel diodes
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
UD
Free-wheeling diode forward voltage
IOUT = 3 A
-
-
2
V
Tit(1)
Free-wheeling diode reverse recovery time
-
-
-
100
ns
1. Not subject to production test; specified by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com