Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9959_V01 Datasheet HTML 6Page - STMicroelectronics L9959_V01 Datasheet HTML 7Page - STMicroelectronics L9959_V01 Datasheet HTML 8Page - STMicroelectronics L9959_V01 Datasheet HTML 9Page - STMicroelectronics L9959_V01 Datasheet HTML 10Page - STMicroelectronics L9959_V01 Datasheet HTML 11Page - STMicroelectronics L9959_V01 Datasheet HTML 12Page - STMicroelectronics L9959_V01 Datasheet HTML 13Page - STMicroelectronics L9959_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Pins description
L9959
10/49
DocID027540 Rev 3
7
CF1
Current Proportional Feedback output:
The CF pin provides in conjunction with an external resistor an output current, which is
proportional to the H-Bridge current. CF1 belongs to OUT11 and OUT12, CF2 to OUT21
and OUT22.
8
/ABE1
Bidirectional Ability/Enable Pin 1:
Open-Drain Output, which is pulled low in case of VDD over- and under-voltage. If the input
is pulled to low, all output stages are switched off. /ABE1 belongs to chip 1.
9
GNDABE1
Sense Ground for VDD monitoring
10, 28
AGND
Device Ground. (Connected to Exposed PAD)
11, 29
NC
To be connected to GND on PCB.
12
VDD2(2)
VDD Supply: 5V Supply.
13, 14,
VS2(3)
Power supply voltage for power stage outputs (external reverse protection required):
Important: For the capability of driving the full current at the outputs all pins of VS must be
externally connected.
15
DIS2
Disable input 2:
DIS2 switches OUT21 and OUT22 to tristate.
16
DIR2
Direction input 2:
DIR2 pin controls the switch direction of OUT21 and OUT22.
17
PWM2
PWM input 2:
PWM1 input switches OUT21 and OUT22.
18
OUT22
Bridge output 11, 12, 21, and 22:
The bridge outputs are built of a high-side p-channel and a low-side N-channel transistor.
The bridge outputs of chip 1 are OUT11 and OUT12, of chip 2 OUT21 and OUT22.
19
PGND2(1)
Ground:
Important: For the capability of driving the full current at the outputs, all ground pins must be
externally connected.
20
OUT21
Bridge output 11, 12, 21, and 22:
The bridge outputs are built of a high-side p-channel and a low-side N-channel transistor.
The bridge outputs of chip 1 are OUT11 and OUT12, of chip 2 OUT21 and OUT22.
21
SCK2
Serial clock input:
This input controls the internal shift register of the SPI.
SCK1 belongs to chip 1 and SCK2 to chip 2.
22
SS2
Slave Select input:
The serial data transfer between the device and the micro controller is enabled by pulling
the input SS to low level.
SS1 belongs to chip 1 and SS2 to chip 2.
23
SI2
Slave in (Serial data input):
The input receives serial data from the microcontroller.
SI1 belongs to chip 1 and SI2 to chip 2.
24
SO2
Slave Out (Serial data output):
The diagnosis data is available via the SPI through this tristate-output.
SO1 belongs to chip 1 and SO2 to chip 2.
Table 3. L9959T (Two H-Bridge drivers in one package) PSSO36 pin-out (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com