Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9959 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9959_V01 Datasheet HTML 19Page - STMicroelectronics L9959_V01 Datasheet HTML 20Page - STMicroelectronics L9959_V01 Datasheet HTML 21Page - STMicroelectronics L9959_V01 Datasheet HTML 22Page - STMicroelectronics L9959_V01 Datasheet HTML 23Page - STMicroelectronics L9959_V01 Datasheet HTML 24Page - STMicroelectronics L9959_V01 Datasheet HTML 25Page - STMicroelectronics L9959_V01 Datasheet HTML 26Page - STMicroelectronics L9959_V01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
DocID027540 Rev 3
23/49
L9959
Application information
48
4
Application information
4.1
Power stage switching behavior
The L9959 output stages can either be controlled by the pins PWM and DIR or by their
corresponding SPI registers (SPWM and SDIR: see Table 33 in Configuration Register
(CONFIG_REG)). The SPI bit MUX in the configuration register (CONFIG_REG) is used to
define the driving control strategy of the H-bridge. If the power stages are disabled by /ABE
or DIS, this bit is reset and the pins PWM and DIR control the outputs.
The active free-wheeling, in which the body diode is actively shorted by its associated
Power-MOS, can be disabled by the bit FW in the configuration register (CONFIG_REG).
By default, active free-wheeling is enabled.
The device minimizes electro-magnetic emission by switching the high-side and low-side
drivers in a special sequence. Two cases are distinguished: The PWM-mode, during which
the current direction does not change and the direction switches using the DIR, which
changes the current direction (see Figure 10, Figure 12 and Figure 13).
4.1.1
PWM mode (same current direction)
The PWM input pin switches the high-/low-side output of the half-bridge, which is selected
by the DIR pin.
DIR = '0': OUT1 is switched, DIR = '1': OUT2 is switched.
PWM = '0': Switched low-side is on, PWM = '1': Switched high-side is on.
Figure 10. PWM mode current flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com