Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100BTR Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 60Page - STMicroelectronics SPSB100BTR Datasheet HTML 61Page - STMicroelectronics SPSB100BTR Datasheet HTML 62Page - STMicroelectronics SPSB100BTR Datasheet HTML 63Page - STMicroelectronics SPSB100BTR Datasheet HTML 64Page - STMicroelectronics SPSB100BTR Datasheet HTML 65Page - STMicroelectronics SPSB100BTR Datasheet HTML 66Page - STMicroelectronics SPSB100BTR Datasheet HTML 67Page - STMicroelectronics SPSB100BTR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 213 page
background image
<WD Type 1> indicates the Long open window duration. On this byte, bits 5 and 4 are zero and bits 3 to 0 come
from LOW_SET(3-0) user NVM bits. Refer to the Table 32 describing the long open window durations according
to LOW_SET(3-0) from user NVM.
<WD Type 2> describes the default timing of the window watchdog.
The binary value of CW[2:0] times 5 ms defines the typical closed window time (tCW) and OW[2:0] times 5 ms
defines the typical open window time (tOW). See the Figure 37 with tCW = TEFW and tOW = TLFW - TEFW.
Figure 37. Window watchdog operation
tLOW
tCW
tOW
tCW
tOW
tCW
tOW
tLOW
tCW
tLOW
tOWF
WD-
Tigger
normal
operation
missing
trigger
early
write
time
= correct trigger timing
= early trigger timing
= missing trigger
tCW = closed window (early failure window)
tLOW = long open window
tOW = open window (late failure window - early failure window)
= tCW + tOW = open window fail
tOWF
NRST
The watchdog trigger bit location is defined by the <WD bit pos. X> registers.
Table 18. WD bit position
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WD bit pos 1
0
1
0
0
0
1
0
0
Defines the register addresses of the WD trigger bit(s)
WD bit pos 2
1
1
0
0
0
0
0
0
Defines the binary bit position
<WD bit pos 1>: 44H; watchdog trigger bit located at address 04H (DCR4)
<WD bit pos 2>: C0H; watchdog trigger bit location is bit0
<WD bit pos 3>: 00H
5.2.3.3
Device application registers (RAM)
The device application registers are all registers accessible using OpCode ‘00’, ‘01’ and ‘10’.
SPSB100
Serial peripheral interface (SPI)
DS14640 - Rev 2
page 64/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com