Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100BTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 4 Page - STMicroelectronics

  SPSB100BTR Datasheet HTML 1Page - STMicroelectronics SPSB100BTR Datasheet HTML 2Page - STMicroelectronics SPSB100BTR Datasheet HTML 3Page - STMicroelectronics SPSB100BTR Datasheet HTML 4Page - STMicroelectronics SPSB100BTR Datasheet HTML 5Page - STMicroelectronics SPSB100BTR Datasheet HTML 6Page - STMicroelectronics SPSB100BTR Datasheet HTML 7Page - STMicroelectronics SPSB100BTR Datasheet HTML 8Page - STMicroelectronics SPSB100BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 213 page
background image
1.2
Pin description
Figure 2. Pin connection (top view)
1
56
SGND
CSN
SDO
SDI
CLK
NRST
VIO
VS
WU
DLB
VREG
FIN1
NFSO1
FB1
LDO2
GBY
LDO1
FBB
FB2
IRQ
IGN
SWDBG
GND
OUT_HS
N.C.
N.C.
N.C.
N.C.
Table 1. Pin function
#
Name
Description
I/O type
1
FB2
BUCK2 feedback voltage (to internal voltage monitors)
I
2
LDO2
Voltage regulator 5 V/3.3 V - tracker of BUCKs output (supply for microcontroller)
O
3
LDO1
5 V voltage regulator 1 output
O
4
VREG
3.3 V regulator output for BUCK bootstrap
O
5
GND
DS monitoring ground
-
6
N.C.(1)
Not connected
-
7
N.C.(1)
Not connected
-
8
GBY
Gate driver of external MOS bypass BOOST
O
9
FBB
BOOST feedback pin and supply for LDO1 and LDO2, OUT_HS, VREG, WU and IGN blocks
I
10
VS
Boost input
I
11
OUT_HS
High-side-driver output to supply contacts
O
12
WU
Wake-up input for static or cyclic monitoring of external contact
I
13
IGN
Wake-up input for static or cyclic monitoring of external contact with KL15 feature
I
14
DLB
Drain monitoring of external low-side MOS of BOOST
I
SPSB100
Block diagram and pin description
DS14640 - Rev 2
page 4/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com