Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100BTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 35Page - STMicroelectronics SPSB100BTR Datasheet HTML 36Page - STMicroelectronics SPSB100BTR Datasheet HTML 37Page - STMicroelectronics SPSB100BTR Datasheet HTML 38Page - STMicroelectronics SPSB100BTR Datasheet HTML 39Page - STMicroelectronics SPSB100BTR Datasheet HTML 40Page - STMicroelectronics SPSB100BTR Datasheet HTML 41Page - STMicroelectronics SPSB100BTR Datasheet HTML 42Page - STMicroelectronics SPSB100BTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 213 page
background image
In active low power or DEEP-SLEEP modes the inputs WU and IGN are configurable with an internal pull-up or
pull-down current source according to the setup WU_PU and IGN_PU SPI bits.
In active full power mode the inputs have an internal pull-down resistor (RWU_act) and the inputs status can be
read by WU_STATE and IGN_STATE. This can be done only if WU_CONFIG and IGN_CONFIG are configured
as wake-up inputs and if WU_ENA and IGN_ENA are set high.
The output OUT_HS can be used to supply the external contacts with the timer setting according to the cyclic
monitoring of the wake-up input.
If WU_ENA = 1 and WU_CONFIG = 1, the wake up capability and the voltage measurement through ADC are
both activated on WU pin.
If IGN_ENA = 1 and IGN_CONFIG = 1, the wake up capability and the voltage measurement through ADC are
both activated on IGN pin.
3.10
Configurable time-out window watchdog
During normal operation, the watchdog monitors the microcontroller within a programmable trigger cycle.
After the power-up sequence, the watchdog starts with a long open window tLW. The watchdog allows the
microcontroller to run its own setup and then to start the window watchdog by setting WD_TRIG=1.
Long open window tLW is configurable by USER-NVM through the bits LOW_SET [3..0].
Subsequently, the microcontroller has to serve the watchdog by alternating the watchdog trigger bit within the safe
trigger area Tswx.. The trigger time is configurable by SPI.
A correct watchdog trigger signal will immediately start the next cycle.
A watchdog trig will not take into account if NRST pin is low.
If LOW_SET [3..0] is set at “1111”, the long open window is set in infinite duration. In this case, if the application
does not require a watchdog, the microcontroller must not trig the watchdog. So, the device will transit from
REC-1 to active full power after a read and clear of error flags. If the watchdog is triggered even with LOW_SET
[3..0] set to “1111”, the watchdog starts with the default window and then has to be served. Note that in the case
of LOW_SET = 1111, so in the case of the watchdog service is disabled, it must be considered in the safety
analysis based on FIT calculation, as described in the safety manual.
The watchdog trigger time can be configured by setting the WD_TIME [3..0] bits (only after
SPI_PROTECT_ACCESS has been set) and the default value is 0001 (window 2). The change of watchdog
window timing through WD_TIME in SPI registers cannot be done when the watchdog is in long open window
counting.
The microcontroller can read the LOW_STATUS bit to know if the watchdog is in long open window phase (when
LOW_STATUS is high) or in normal window (when LOW_STATUS is low). When in long open window phase, the
LOW_STATUS bit is high even if the watchdog is in infinite long open window. When not in infinite long open
window, if FSM is in ACTIVE_HP or ACTIVE_LP state, the LOW_STATUS is low and watchdog counts in normal
window. When LOW_STATUS is high, the current watchdog LOW is given by LOW_SET[3:0]. When
LOW_STATUS is low, the current watchdog window is given by WD_TIME_STATUS[3:0]. During REC-1 FSM
state, WD_TIME[3:0] cannot be written because the watchdog is counting in long open window.
In the case of WD_FAIL or FCCU_FAIL occurs the watchdog starts in long open window when NRST rises. In this
case, the watchdog trig bit is automatically cleared. So, the microcontroller can trig the watchdog with a
WD_TRIG bit high.
The new value of WD_TIME is loaded in the watchdog module on the next trig event after the SPI configuration.
The following watchdog cycle uses the new programmed value.
This means that when a watchdog is running on a current window, to change the window, the microcontroller
must:
•
Write in WD_TIME(3-0) the new watchdog window.
•
Trig the watchdog in the current window.
Doing this, the watchdog restarts using the new window.
It is possible to disable the watchdog in ACTIVE - LOW-POWER mode only through the WD_LP_ENA bit set at
“0” (only after SPI_PROTECT_ACCESS has been set). If WD_LP_ENA is set high during ACTIVE - LOW-
POWER mode, the watchdog will stay disabled and will restart with a long open window after the transition Active-
LP to Active-FP.
Fault conditions can be detected through the following bits:
•
The status bit WD_ENA_ECHO indicates that the watchdog is running when high.
SPSB100
Functional description
DS14640 - Rev 2
page 39/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com