Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100BTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 9Page - STMicroelectronics SPSB100BTR Datasheet HTML 10Page - STMicroelectronics SPSB100BTR Datasheet HTML 11Page - STMicroelectronics SPSB100BTR Datasheet HTML 12Page - STMicroelectronics SPSB100BTR Datasheet HTML 13Page - STMicroelectronics SPSB100BTR Datasheet HTML 14Page - STMicroelectronics SPSB100BTR Datasheet HTML 15Page - STMicroelectronics SPSB100BTR Datasheet HTML 16Page - STMicroelectronics SPSB100BTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 213 page
background image
3.1.2
System supply configuration 2
Figure 6. Configuration 2: direct supply of the microcontroller core by internal SMPS
SR6P7
BUCK1
BUCK3
LDO1
5 V
3.3V
5.0V
SPI
SPSB100P
VIO
VDD_HV_ADR
SPI Communication*
BUCK2
5.0V
LDO2
*System Configuration for SPI or HV_IO of the MCU, could be selected by customer at 3.3V or 5.0V based on application need (H V_IO and SPI must be at same logic level)
Battery
ADC
CORE
SPI
I/O
NVM
VDD_LV
BOOST
SMPS
VDD_UV_SMPS
Ext. load
Filter
VDD_HV_ADV
VDD_HV* +VDD_HV_IO* + VDD_HV_NVM
3.3V
Ext.
In configuration 2, BUCK1 is configured to provide a 5 V to supply the SMPS of microcontroller that will manage
internally the supply of the core with a switching frequency of 400 kHz. BUCK2 and BUCK3 supply respectively
the 5 V and the 3.3 V rails with a switching frequency of 400 kHz and 2.4 MHz respectively. BUCK3 is supplied by
BUCK2, while the boost supplies BUCK1 and 2 and LDO1 and LDO2, providing 5 V and 3.3 V respectively for
external loads.
The power-up and power-down sequences associated to such supply configuration are the following:
Power-up sequence
1. Turn ON BUCK1 at 5 V, wait PG (BUCK1_PG_OK flag);
2. Turn ON BUCK2 at 5 V, wait PG (BUCK2_PG_OK flag);
3. Turn ON BUCK3 at 3.3 V, wait PG;
4. Deassert NRST, wait 0 ms;
5. Turn ON LDO2 in tracker of BUCK3, wait 0 ms;
6. Turn ON LDO1, wait PG (LDO1_PG_OK flag).
Power-down sequence
1. Turn OFF LDO1, wait 0 ms;
2. Turn OFF LDO2, wait 0 ms;
3. Assert NRST, wait 2 ms;
4. Turn OFF BUCK3, wait 2 ms;
5. Turn OFF BUCK2, wait 2 ms;
6. Turn OFF BUCK1, wait 0 ms;
7. Turn OFF VREG after 10 ms.
Note:
The SR6P7 does not embed LP domain, anyway when the SPI is supplied by BUCK3 at 3.3 V it is not possible
to use SPSB100P in low power mode otherwise SPI will be not supplied and it cannot be possible to
communicate with MCU. The only way to use SPSB100P in low power mode is when both SPI and VDD_HV_IO
are supplied by 5 V through BUCK1 set at 5 V and only in this case, it could be possible to use SPSB100P in
low power mode allowing SPI communication.
3.1.3
Digital interface supply: VIO
VIO pin supplies the SPI interface, and pins IRQ, FIN1, NRST, RxD_C, TxD_C.
VIO can be supplied from one of SPSB100’s BUCK, or from an external regulator.
Digital pins functionalities are guaranteed when VIO > VVIO_UV_R (VIO_UV flag not raised).
SPSB100
Functional description
DS14640 - Rev 2
page 13/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com