Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100BTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 1 Page - STMicroelectronics

  SPSB100BTR Datasheet HTML 1Page - STMicroelectronics SPSB100BTR Datasheet HTML 2Page - STMicroelectronics SPSB100BTR Datasheet HTML 3Page - STMicroelectronics SPSB100BTR Datasheet HTML 4Page - STMicroelectronics SPSB100BTR Datasheet HTML 5Page - STMicroelectronics SPSB100BTR Datasheet HTML 6Page - STMicroelectronics SPSB100BTR Datasheet HTML 7Page - STMicroelectronics SPSB100BTR Datasheet HTML 8Page - STMicroelectronics SPSB100BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 213 page
background image
Features
•
AEC-Q100 qualified
•
2 configurable (6.5 V, 5 V, 3.3 V) BUCK converters and typ peak switching
current limit of 3.0 A at 2.4 MHz or 400 kHz
•
1 configurable (3.3 V, 1.25 V, 1.2 V, 1.1 V, 0.98 V) BUCK converter and typ
peak switching current limit up to 6.0 A at 2.4 MHz, with fine-tuning
configurability around 0.98 V (0.95 V to 1.01 V)
•
Overcurrent detection and limitation for all BUCKs
•
Integrated soft start on BUCK stages
•
Boost controller 8-9.5 V and typ peak switching current limit of 4.2 A at 400
kHz, for sustaining low battery condition occurring for a transitory time and
deep cranking pulse (external power components can be optionally populated)
•
One 5 V voltage regulator (120 mA, 2% acc.)
•
One configurable (5 V or 3.3 V) low drop voltage tracker of all regulators (10
mA, ±10 mV)
•
One high side driver for contact monitoring (RON = 55 Ω) with open-load and
overcurrent diagnosis
•
Dedicated interrupt pin for failure communication
•
Device operates in low power mode
•
Very low quiescent current in DEEP-SLEEP state
•
MCU reset generator
•
Configurable window watchdog with extended long open window up to 9 s and
enable/disable function through NVM bit
•
Device contains temperature warning and protection
•
Thermal clusters
•
A/D conversion of supply voltages and internal temperature sensors
•
STMicroelectronics standard serial peripheral interface (32 Bit/ST_SPI)
including 4-bit CRC
•
1 fail-safe output
•
1 input pin supporting static and dynamic error signal reporting
•
Programmable periodic system wake-up feature
•
Documentation available for customers that need support when dealing with
ASIL requirements as per ISO26262
•
VFQFN56+4L 8x8x0.9 with wettable flank, 0.8 mm package
Description
The SPSB100 is a fully integrated automotive power management system IC,
especially designed for highly integrated application processors (for example,
Stellar G and P MCU families), offering low power mode and high current capability:
the device comes with enhanced system power supply functionality.
It combines a 3-switch mode power supply together with two integrated linear voltage
regulators. The device integrates a further 2 wake-up inputs and advanced fail-safe
functionalities.
VFQFN56 + 4L
8x8x0.9 mm
Product status link
SPSB100
Product summary
Order code
Packing
Description
SPSB100BTR
Tape and
reel
System
supply
configuration
1
SPSB100PTR
System
supply
configuration
2
Automotive power management IC for highly integrated processors
SPSB100
Datasheet
DS14640 - Rev 2 - October 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SPSB100BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPSB100 STMICROELECTRONICS-SPSB100 Datasheet
6Mb / 214P
Automotive power management IC for highly integrated processors
04-Jun-2024
More results

Similar Description - SPSB100BTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA6021 DIALOG-DA6021 Datasheet
361Kb / 2P
DA6021 Highly integrated power management IC for new
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
logo
Texas Instruments
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
Power Management IC for Automotive Application
Rev. 0
logo
Texas Instruments
TPS65220 TI-TPS65220 Datasheet
2Mb / 130P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
DECEMBER 2022
TPS65219 TI-TPS65219_V01 Datasheet
3Mb / 150P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
logo
Renesas Technology Corp
DA6021 RENESAS-DA6021 Datasheet
4Mb / 225P
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
31-Jan-14
logo
Texas Instruments
TPS65219-Q1 TI-TPS65219-Q1 Datasheet
2Mb / 130P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex—A53 Processors
DECEMBER 2022
TPS65219-Q1 TI-TPS65219-Q1_V01 Datasheet
3Mb / 154P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex®—A53 Processors
REVISED MAY 2023
TPS65219 TI1-TPS65219_V02 Datasheet
3Mb / 153P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com