Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA745AIRELR Datasheet(PDF) 38 Page - Texas Instruments

Part # INA745AIRELR
Description  INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA745AIRELR Datasheet(HTML) 38 Page - Texas Instruments

Back Button INA745AIRELR Datasheet HTML 34Page - Texas Instruments INA745AIRELR Datasheet HTML 35Page - Texas Instruments INA745AIRELR Datasheet HTML 36Page - Texas Instruments INA745AIRELR Datasheet HTML 37Page - Texas Instruments INA745AIRELR Datasheet HTML 38Page - Texas Instruments INA745AIRELR Datasheet HTML 39Page - Texas Instruments INA745AIRELR Datasheet HTML 40Page - Texas Instruments INA745AIRELR Datasheet HTML 41Page - Texas Instruments INA745AIRELR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
8.4.2 Layout Example
2
1
7
14
Address Lines A1, A0 via to
connect directly to VS, GND, SDA,
or SCL to set device address
I2C bus connections for clock and data
(pullup resistors not shown)
Place Vias connecting to inner or
bottom layers as close as possible to
the device. The number of vias
required depends on operational
current and ambient conditions
Device Bypass Capacitor
TI Device
IS+
IS
1.
All vias close to the pin pads must be tented.
2.
All vias are either 8 mil/18 mil or 15 mil/25 mil with a 5 mill annular ring.
3.
The distance between the IS+ and IS– power pours is 8 mil.
4.
See EVM User's Guide for more specific layout recommendations and layers.
Figure 8-5. INA745x Layout Example
INA745A, INA745B
SBOSAC3B – JULY 2023 – REVISED AUGUST 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA745A INA745B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com