Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA745AIRELR Datasheet(PDF) 42 Page - Texas Instruments

Part # INA745AIRELR
Description  INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA745AIRELR Datasheet(HTML) 42 Page - Texas Instruments

Back Button INA745AIRELR Datasheet HTML 38Page - Texas Instruments INA745AIRELR Datasheet HTML 39Page - Texas Instruments INA745AIRELR Datasheet HTML 40Page - Texas Instruments INA745AIRELR Datasheet HTML 41Page - Texas Instruments INA745AIRELR Datasheet HTML 42Page - Texas Instruments INA745AIRELR Datasheet HTML 43Page - Texas Instruments INA745AIRELR Datasheet HTML 44Page - Texas Instruments INA745AIRELR Datasheet HTML 45Page - Texas Instruments INA745AIRELR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
18X (0.6)
18X (0.3)
10X (0.6)
(2.8)
(R0.05) TYP
(4.8)
4X (R0.2)
2X (1.6)
2X (0.3)
2X (1.8)
4X (0.75)
VQFN - 1 mm max height
REL0014A
PLASTIC QUAD FLATPACK - NO LEAD
4228616/A 04/2022
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 20X
SYMM
SYMM
1
6
7
8
13
14
INA745A, INA745B
SBOSAC3B – JULY 2023 – REVISED AUGUST 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA745A INA745B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com