Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA745AIRELR Datasheet(PDF) 47 Page - Texas Instruments

Part # INA745AIRELR
Description  INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA745AIRELR Datasheet(HTML) 47 Page - Texas Instruments

Back Button INA745AIRELR Datasheet HTML 42Page - Texas Instruments INA745AIRELR Datasheet HTML 43Page - Texas Instruments INA745AIRELR Datasheet HTML 44Page - Texas Instruments INA745AIRELR Datasheet HTML 45Page - Texas Instruments INA745AIRELR Datasheet HTML 46Page - Texas Instruments INA745AIRELR Datasheet HTML 47Page - Texas Instruments INA745AIRELR Datasheet HTML 48Page - Texas Instruments INA745AIRELR Datasheet HTML 49Page - Texas Instruments INA745AIRELR Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
www.ti.com
PACKAGE OUTLINE
3.1
2.9
5.1
4.9
1.0
0.8
0.05
0.00
2X 3
10X 0.6
2X 1.5
12X
0.5
0.3
18X
0.35
0.25
2X
1.0
0.8
2X
0.55
0.45
4X 0.75
(0.2) TYP
4X (R0.2)
VQFN - 1 mm max height
REL0014B
PLASTIC QUAD FLATPACK - NO LEAD
4228721/A 05/2022
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
SYMM
SYMM
1
6
7
8
13
14
SCALE 3.000
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com